Electronic Components Datasheet Search
  English  ▼

X  

PM65 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # PM65
Description  65 WATT MEDICAL POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

PM65 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  PM65 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower PM65 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MEDICAL GRADE
PM65 SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Maximum
(1) (2)
Output #1
Output #2
Output #3
Output #4
Output
Model
Vnom. Imin.
Imax. Tol.
Vnom. Imin.
Imax. Tol.
Vnom. Imin.
Imax. Tol.
Vnom. Imin.
Imax. Tol.
Power
PM65-10A
5V
0A
10A
2%
(N/A)
(N/A)
(N/A)
50W
PM65-12A
12V
0A
5.5A
1%
(N/A)
(N/A)
(N/A)
65W
PM65-13A
15V
0A
4.5A
1%
(N/A)
(N/A)
(N/A)
65W
PM65-14A
24V
0A
3.0A
1%
(N/A)
(N/A)
(N/A)
65W
PM65-16A
30V
0A
2.5A
1%
(N/A)
(N/A)
(N/A)
65W
PM65-17A
36V
0A
2.2A
1%
(N/A)
(N/A)
(N/A)
65W
PM65-23A
+5V
1A
6.0A
3%
+12V
0.5A
3.0A
5%
(N/A)
(N/A)
65W
PM65-24A
+5V
1A
6.0A
3%
+15V
0.4A
3.0A
5%
(N/A)
(N/A)
65W
PM65-25A
+5V
1A
6.0A
3%
+24V
0.3A
2.0A
5%
(N/A)
(N/A)
65W
PM65-30A
+5V
1A
6.0A
3%
+12V
0.5A
3.0A
5%
-5V
0.1A
0.5A
10%
(N/A)
65W
PM65-31A
+5V
1A
6.0A
3%
+12V
0.5A
3.0A
5%
-12V
0.1A
0.5A
10%
(N/A)
65W
PM65-32A
+5V
1A
6.0A
3%
+15V
0.4A
3.0A
5%
-15V
0.1A
0.5A
10%
(N/A)
65W
PM65-33A
+5V
1A
6.0A
3%
+15V
0.4A
3.0A
5%
-12V
0.1A
0.5A
10%
(N/A)
65W
PM65-39A
+5V
1A
6.0A
3%
+24V
0.3A
2.0A
5%
-12V
0.1A
0.5A
10%
(N/A)
65W
PM65-40A
+5V
1A
6.0A
3%
+12V
0.5A
3.0A
5%
-12V
0.1A
0.5A
10%
-5V
0.1A
0.5A
10%
65W
Notes:
(1) All multiple output models may be operated at no-load without damage. At no-load, output voltage tolerance increases to
10%
(2) Safety agency approvals are for the above listed models in PCB format. To order a model with a metallic L-bracket or box,
change suffix “A” to “B” for L-bracket format or to “C” for enclosed format (mechanical details shown in page 7-2), e.g.
PM65-25C.
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Input connector mates with Molex housing
09-50-3031 and Molex 2878 series crimp terminal.
4.
Output connector mates with Molex housing
09-50-3081 and Molex 2878 series crimp terminal.
5.
Weight: 400 grams (PCB format)
6.
The “*” marked mounting hole is for system
grounding through a metallic stand-off to the system
chassis.
PIN CHART
PIN
MODEL
1
2
3
4
5
6
7
8
PM65-10A
PM65-13A
PM65-16A
PM65-12A
PM65-14A
PM65-17A
OUTPUT
#1
OUTPUT
#1
OUTPUT
#1
OUTPUT
#1
RETURN
RETURN
RETURN
RETURN
PM65-23A
PM65-25A
PM65-24A
OUTPUT
#1
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
OUTPUT
#2
N.C.
N.C.
PM65-30A
PM65-32A
PM65-39A
PM65-31A
PM65-33A
OUTPUT
#1
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
OUTPUT
#2
OUTPUT
#3
N.C.
PM65-40A
OUTPUT
#1
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
OUTPUT
#2
OUTPUT
#3
OUTPUT
#4
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● sales@trumpower.com ● www.TRUMPower.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com