Electronic Components Datasheet Search
  English  ▼

X  

PU110 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # PU110
Description  SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

PU110 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  PU110 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower PU110 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
110 WATT SWITCHING POWER SUPPLIES
DESCRIPTION
The PU110 series of compact, open PCB constructed,
AC-DC switching power supplies are capable of delivering
72 to 110 watts of continuous power at 25 CFM forced air
cooling or 52 to 80 watts at convection cooling. They
operate at 85 to 264VAC input voltage without the need of
a selector strap. They are ideally suited for use in small to
medium
size
digitally-based
systems,
such
as
point-of-sale equipment, microprocessor based systems,
and telecom equipment. All models meet the safety
requirements of UL, CSA and IEC.
FEAT URES
‧ Recogniz e d or certified by UL, CSA and TÜV
‧ Pow e r Fail Detect (PFD) signal
‧ 100% burn-in
‧ Wide input range 85 to 264VAC
‧ Input surge current protection
‧ Ov erv o ltage protection
‧ Ov ercurrent protection
‧ Compliant w i th RoHS requirements
INPUT SPECIFICAT IONS
Input voltage:
85 to 264VAC
Input frequency:
47 to 63Hz
Input current:
3.20A(rms)for 115VAC
1.80A(rms)for 230VAC
Earth leakage current:
0.40mA max. @ 115VAC, 60Hz
0.75mA max. @ 230VAC, 50Hz
Safety Standard Approvals :
OUTPUT SPECIFICATIONS
Output voltage/current: See rating chart
Total output power:
110 watts maximum at 25 CFM
forced air cooling or 80 watts
maximum at convection cooling
Ripple and noise:
1﹪ peak to peak maximum
Overvoltage protection: Provided on output #1 only; set at
112-132﹪ of its nominal output
voltage
Overcurrent protection: All outputs protected to short circuit
conditions
Temperature coefficient:All outputs ±0.04﹪/ºC maximum
Transient response:
Maximum excursion of 4﹪ or
better on all models, recovering
to 1﹪ of final value within 500us
after a 25﹪ step load change
PFD signal:
TTL logic high for normal operation
and TTL logic low upon loss of
input power. This signal appears at
least 1ms prior to +5V output
dropping
5﹪ below its nominal value. This
signal also provides a minimum
delay of 100ms after +5V is within
regulation.
ENVIRONMENTA L SPECIFICAT IONS
Operating temperature:
0ºC to +70ºC
Storage temperature:
-40ºC to +85ºC
Relative humidity:
5﹪ to 95﹪ non-condensing
Derating:
Derate from 100﹪ at +50ºC
linearly to 50﹪ at +70ºC
Cooling:
110 watts continuous output power
at 25 CFM forced air cooling or
80 watts at convection cooling
EMC Performance (EN55024)
EN55022:
Class B conducted, Class B radiated
FCC:
Class B conducted, Class B radiated
VCCI:
Class B conducted, Class B radiated
EN61000-3-2:
Harmonic distortion, Class A
EN61000-3-3:
Line flicker
EN61000-4-2:
ESD, ± 8KV air and ± 4KV contact
EN61000-4-3:
Radiated immunity, 3V/m
EN61000-4-4:
Fast transient/burst, ± 1KV
EN61000-4-5:
Surge, ± 1KV diff., ± 2KV com.
EN61000-4-6:
Conducted immunity, 3Vrms
EN61000-4-8:
Magnetic field immunity, 1A/m
EN61000-4-11:
Voltage dips, 30% reduction for
500ms and >95% reduction for 10ms
GENERAL SPECIFICATIONS
Switching frequency:
20KHz to 250KHz, varies with load and
line
Efficiency:
70﹪ minimum on single output models
with Vo
≥12V, 65% minimum on the others
Hold-up time:
12 msec minimum at 110VAC
Line regulation:
±0.5﹪ maximum at full load
Inrush current:
15 amps @ 115VAC or 30 amps
@ 230VAC, at 25ºC cold start
Withstand voltage:
3000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
400,000 hours minimum at full load
at 25ºC ambient, calculated per
MIL-HDBK-217F
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● sales@trumpower.com ● www.TRUMPower.com
UL 60950-1
CSA C22.2 No . 60950-1
T Ü V EN60950-1
PU110 SERIES
(LVD)
RoHS
(Touch current)


Similar Part No. - PU110

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PU110 RSG-PU110 Datasheet
179Kb / 2P
110 WATT SWITCHING POWER SUPPLIES
PU110-10-1A RSG-PU110-10-1A Datasheet
179Kb / 2P
110 WATT SWITCHING POWER SUPPLIES
PU110-10-1A RSG-PU110-10-1A Datasheet
177Kb / 2P
72-110 WATT ITE POWER SUPPLIES
PU110-10A RSG-PU110-10A Datasheet
179Kb / 2P
110 WATT SWITCHING POWER SUPPLIES
PU110-10A RSG-PU110-10A Datasheet
177Kb / 2P
72-110 WATT ITE POWER SUPPLIES
More results

Similar Description - PU110

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
SWITCHING POWER SUPPLIES
PTCP TAB-PTCP Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
TCP-12-34 TAB-TCP-12-34 Datasheet
358Kb / 2P
SWITCHING POWER SUPPLIES
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-5-80 TECHNOLOGY-PTCP-5-80 Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE00TK BALLUFF-BAE00TK Datasheet
129Kb / 2P
Switching Power Supplies
2.26_2021-05-03
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
Switching Power Supplies
0.28_2021-12-17
BAE0112 BALLUFF-BAE0112 Datasheet
124Kb / 2P
Switching Power Supplies
0.28_2021-12-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com