Electronic Components Datasheet Search
  English  ▼

X  

PU110 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # PU110
Description  SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

PU110 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  PU110 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower PU110 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UNIVERSAL INPUT
PU110 SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Output #1
Output #2
Output #3
Output #4
Maximum
(3)(4)
Output
MODEL
Vnom. Imin. Imax.
Tol.
Vnom Imin. Imax.
Ipeak
(1)
Tol. Vnom. Imin. Imax. Tol. Vnom. Imin. Imax. Tol.
Power (2)
PU110-10-1A 3.3V
0A
22A
3%
(N/A)
(N/A)
(N/A)
72W
PU110-10A
5V
0A
22A
3%
(N/A)
(N/A)
(N/A)
110W
PU110-12A
12V
0A
9.0A
2%
(N/A)
(N/A)
(N/A)
110W
PU110-13A
15V
0A
7.5A
2%
(N/A)
(N/A)
(N/A)
110W
PU110-14A
24V
0A
4.5A
2%
(N/A)
(N/A)
(N/A)
110W
PU110-16A
30V
0A
3.6A
2%
(N/A)
(N/A)
(N/A)
110W
PU110-23A
+5V
0A
10A
3%
+12V
0A
5A
9.0A
3%
(N/A)
(N/A)
110W
PU110-31A
+5V
0A
10A
3%
+12V
0A
5A
9.0A
3% -12V
0A
1A
4%
(N/A)
110W
PU110-32A
+5V
0A
10A
3%
+15V
0A
4A
7.5A
3% -15V
0A
1A
4%
(N/A)
110W
PU110-40A
+5V
0A
10A
3%
+12V
0A
5A
9.0A
3% -12V
0A
1A
4%
-5V
0A
1A
4%
110W
PU110-41A
+5V
0A
10A
3%
+15V
0A
4A
7.5A
3% -15V
0A
1A
4%
+24V
0A
1A
4%
110W
PU110-42A
+5V
0A
10A
3%
+12V
0A
5A
9.0A
3% -12V
0A
1A
4%
+12V
0A
1A
4%
110W
PU110-45A
+5V
0A
10A
3%
+12V
0A
5A
9.0A
3% -12V
0A
1A
4%
+24V
0A
1A
4%
110W
PU110-45-1A
+5V
2.0A
10A
3%
+12V
0A
5A
9.0A
3% -12V
0A
1A
4%
+24V
1.5A
3A
10%
110W
PU110-45-2A
+5V
0A
10A
3%
+24V
0A
3A
5.0A
3% -12V
0A
1A
4%
+12V
0A
1A
4%
110W
PU110-46A
+5V
0A
10A
3%
+15V
0A
4A
7.5A
3% -15V
0A
1A
4%
-5V
0A
1A
4%
110W
NOTES:
1.
Peak output current with 10% maximum duty cycle for less than 60 seconds. Total peak power must not exceed 130 watts.
2.
110 watts maximum at 25 CFM forced air cooling or 80 watts maximum at convection cooling, except model PU110-10-1A
which is rated maximum 60W at convection cooling or 72W at 25 CFM forced air cooling.
3.
Safety agency approvals are for the above listed models in PCB format. To order models with metallic L-bracket or box, change
suffix “A” to “B” for L-bracket format, to “C” for enclosed format (mechanical details shown in page 6-1), e.g. PU110-31C.
4.
The output #1 of model PU110-45-1A needs a minimum current of 2A to support the other outputs at their maximum rated loads.
PIN CHART
1, 2, 3
4, 5
6, 7
8, 9
10
11
12
13
PU110-10-1A
PU110-12A
PU110-14A
PU110-10A
PU110-13A
PU110-16A
OUTPUT
#1
RETURN
RETURN
OUTPUT
#1
P.F.D.
N.C.
KEY
N.C.
PU110-23A
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
P.F.D.
N.C.
KEY
N.C.
PU110-31A
PU110-32A
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
P.F.D.
OUTPUT
#3
KEY
N.C.
PU110-40A
PU110-42A
PU110-45-1A
PU110-46A
PU110-41A
PU110-45A
PU110-45-2A
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
P.F.D.
OUTPUT
#3
KEY
OUTPUT
#4
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● sales@trumpower.com ● www.TRUMPower.com
PIN
MODEL
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Input connector mates with Molex housing 09-50-3051
and Molex 2878 series crimp terminal.
4.
Output connector mates with Molex housing 09-50-3131
and Molex 2878 series crimp terminal
5.
Weight: 640 grams (PCB format).
6.
The copper pad of the mounting hole near P1 is for
system grounding through a metallic stand-off to system
chassis.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com