Electronic Components Datasheet Search
  English  ▼

X  

TM200 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TM200
Description  200 WATT MEDICAL POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM200 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TM200 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM200 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
200 WATT MEDICAL POWER SUPPLIES
DES C RI P T I O N
Comprising single and multiple output models
with 200 watts of continuous output power, the
TM200 series is specially designed for medical
applications. Auto-ranging input allows them to
operate from any line voltage throughout the
world without a selector strap. All auxiliary
outputs are with magnetic amplifier or linear
regulator to keep regulation. The units are
constructed on a printed circuit board with a
U-bracket for mechanical support and heat
sinking.
A
cover-and-fan
assembly
can
be
added during manufacturing.
FE AT URES
‧ Lo w safet y g r ound leaka ge curr ent
‧ Meet EN 550 11 and FCC class B
‧ A u to-rangin g input
‧ Short-circuit protection w i th auto-re c o v er y
‧ Po w e r Fai l D e tect ( PFD ) s i gnal
‧ 100 % b u rn-in at full rate d load
‧ Optional co v e r-and-fan a ssembl y
TM200 SERIES
Saf e t y Sta n da rd A ppr o va l s:
I N PU T S P E C IF IC AT ION S
Input v o lt ag e:
90 to 130 VA C, or 18 0 to
264 VA C ( au to-rang ing )
Input freque nc y :
47 to 63 H z
Input curren t :
4.5A ( rm s ) f o r 115VAC
2.6A ( rm s ) f o r 230VAC
Leakage cu r r ent:
90 µA m a x. @ 115VAC , 6 0 Hz
15 µA m a x. @ 230VAC, 5 0 Hz
ENVI RONME N TA L S PECI F I C AT IONS
Operating te mperature:
0ºC t o +7 0 º C
S t orage temperature:
-40ºC to +85 º C
Relati v e hu midit y :
5% to 95% n on-con den sin g
Derating:
Derate fr om 100% at +50 º C
linear ly to 50 % at +7 0ºC
Cooling:
25 CFM f o rce d air, pr ovide d
on covered version, to be
provided f o r U - b r a c k e t
versio n by user
OUTPUT SPECIFICATIONS
Output voltage/current: See rating chart
Total output power:
200 watts maximum
Ripple and noise:
2% peak to peak maximum
Overvoltage protection: Provided on output #1 only; set at
112 – 132% of its nominal output
voltage
Overcurrent protection: All outputs protected to short
circuit conditions
Temperature coefficient:All outputs ±0.04%/ºC maximum
Transient response:
Maximum excursion of 4% or
better on all models, recovering to
1% of final value within 500µs
after a 25% step load change
PFD signal:
TTL logic high for normal
operation and TTL logic low upon
loss of input power. This signal
appears at least 1 ms prior to +5V
output dropping 5% below its
nominal value. This signal also
provides a minimum delay of 100
ms after +5V is within regulation.
GENERAL SPECIFICATIONS
Switching frequency:
64KHz ±5KHz
Efficiency:
70% minimum on all models
Hold-up time:
12 msec minimum at 110VAC
Line regulation:
±0.5% maximum at full load
Inrush current:
20 amps @ 115VAC, or 40 amps @
230VAC, at 25ºC cold start
Withstand voltage:
4000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
450,000 hours at full load at 25ºC
ambient, calculated per
MIL-HDBK-217F
EMC Performance (EN60601-1-2: 2001)
EN550 11 :
Class B conducted, Class B radiated
FCC:
Class B conducted, Class B radiated
VCCI:
Class B conducted, Class B radiated
EN61000-3- 2 :
Harmonic distortion, Class A
EN61000-3- 3 :
Line flicker
EN61000-4- 2 :
ESD, ±8KV air and ±4KV contact
EN61000-4- 3 :
Radiated immunity, 3V/m
EN61000-4- 4 :
Fast transient/burst, ±1KV
EN61000-4- 5 :
Surge, ±1KV diff, ±2KV com.
EN61000-4- 6 :
Conducted immunity, 3Vrms
EN61000-4- 8 :
Magnetic field immunity, 1A/m
EN61000-4- 11 :
Voltage dips, 30% reduction for 500ms
and >95% reduction for 10ms
Interruptions, >95% for 5000ms
UL 2601-1
CSA C22.2 No. 601.1
TÜV EN60601-1
(MDD)
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com
TRUMPower


Similar Part No. - TM200

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TM200 EXTECH-TM200 Datasheet
99Kb / 7P
Type K Dual Input Thermometer
logo
Mitsubishi Electric Sem...
TM200CZ-24 MITSUBISHI-TM200CZ-24 Datasheet
60Kb / 4P
HIGH POWER GENERAL USE INSULATED TYPE
TM200CZ-2H MITSUBISHI-TM200CZ-2H Datasheet
60Kb / 4P
HIGH POWER GENERAL USE INSULATED TYPE
TM200CZ-H MITSUBISHI-TM200CZ-H Datasheet
60Kb / 4P
HIGH POWER GENERAL USE INSULATED TYPE
TM200CZ-M MITSUBISHI-TM200CZ-M Datasheet
60Kb / 4P
HIGH POWER GENERAL USE INSULATED TYPE
More results

Similar Description - TM200

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PM40AL TRUMPOWER-PM40AL Datasheet
211Kb / 2P
40 WATT MEDICAL POWER SUPPLIES
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
PU200 TRUMPOWER-PU200 Datasheet
133Kb / 2P
200 WATT SWITCHING POWER SUPPLIES
TM66 TRUMPOWER-TM66 Datasheet
244Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
TM110 TRUMPOWER-TM110 Datasheet
263Kb / 2P
110 WATT MEDICAL POWER SUPPLIES
TM201 TRUMPOWER-TM201 Datasheet
335Kb / 3P
150- 200 WATT MEDICAL POWER SUPPLIES
TM300 TRUMPOWER-TM300 Datasheet
277Kb / 3P
300 WATT MEDICAL POWER SUPPLIES
TM450 TRUMPOWER-TM450 Datasheet
253Kb / 3P
450 WATT MEDICAL POWER SUPPLIES
TM650 TRUMPOWER-TM650 Datasheet
273Kb / 3P
650 WATT MEDICAL POWER SUPPLIES
logo
RSG Electronic Componen...
PU200 RSG-PU200 Datasheet
177Kb / 2P
200 WATT SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com