Electronic Components Datasheet Search
  English  ▼

X  

TM200 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TM200
Description  200 WATT MEDICAL POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM200 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TM200 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM200 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MEDICAL GRADE
TM200 SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Maximum
Output #1
Output #2
Output #3
Output #4
Output
Product No. Vnom.
Imin.
Imax.
Tol.
Vnom. Imin. Imax. Tol.
Vnom.
Imin. Imax. Tol.
Vnom. Imin. Imax. Tol.
Power
TM200-S05
5V
3.0A
40A
2%
(N/A)
(N/A)
(N/A)
200W
TM200-S12
12V
1.2A
16.7A
2%
(N/A)
(N/A)
(N/A)
200W
TM200-S15
15V
1.0A
13.4A
2%
(N/A)
(N/A)
(N/A)
200W
TM200-S24
24V
0.6A
8.4A
2%
(N/A)
(N/A)
(N/A)
200W
TM200-S30
30V
0.5A
6.7A
2%
(N/A)
(N/A)
(N/A)
200W
TM200-S48
48V
0.5A
4.2A
2%
(N/A)
(N/A)
(N/A)
200W
TM200-D23
+5V
3.0A
30A
2%
+12V
0A
8A
4%
(N/A)
(N/A)
200W
TM200-D24
+5V
3.0A
30A
2%
+15V
0A
6A
4%
(N/A)
(N/A)
200W
TM200-D25
+5V
3.0A
30A
2%
+24V
0A
4A
4%
(N/A)
(N/A)
200W
TM200-T30
+5V
3.0A
30A
2%
+12V
0A
8A
4%
-5V0A6A
4%
(N/A)
200W
TM200-T31
+5V
3.0A
30A
2%
+12V
0A
8A
4%
-12V
0A
4A
4%
(N/A)
200W
TM200-T32
+5V
3.0A
30A
2%
+15V
0A
6A
4%
-15V
0A
4A
4%
(N/A)
200W
TM200-T33
+5V
3.0A
30A
2%
+15V
0A
6A
4%
-12V
0A
4A
4%
(N/A)
200W
TM200-Q40
+5V
3.0A
30A
2%
+12V
0A
8A
4%
-12V
0A
4A
4%
5V
0A
6A
4%
200W
TM200-Q41
+5V
3.0A
30A
2%
+15V
0A
6A
4%
-15V
0A
4A
4%
24V
0A
4A
4%
200W
TM200-Q42
+5V
3.0A
30A
2%
+12V
0A
8A
4%
-12V
0A
4A
4%
12V
0A
4A
4%
200W
TM200-Q44
+5V
3.0A
30A
2%
+12V
0A
8A
4%
-15V
0A
4A
4%
15V
0A
4A
4%
200W
TM200-Q45
+5V
3.0A
30A
2%
+12V
0A
8A
4%
-12V
0A
4A
4%
24V
0A
4A
4%
200W
Notes:
(1) Add suffix “C” for enclosed format, e.g. TM200-Q45C.
(2) Peak current is 12A on +12V, 9A on +15V and 6A on +24V.
(3) Output #4 is floating. It can be connected externally for positive or negative output.
(4) 200 watts for “C” version with a cover-and-fan assembly. 150 watts U-bracket version without moving air (maximum current of output #1
& #2 derated to 70%), or 200 watts with 25 CFM forced air provided by user.
(5) When the remote sense facility is not used, +Sense must be connected to +V, and –Sense to return, on P2 connector.
(6) All models may be operated at no-load. At no-load, output voltage tolerance increases to 10%
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Input connector P1 is Beau Inc. P/N 72-5-03C, output connector
P2 is Beau Inc. P/N 72-5-09C. Screws are #6-32 on 0.375 inch
centers.
4.
Connector P3 mates with Molex housing 22-01-1043 and Molex
40445 series crimp terminal.
5.
Connector P4 mates with Molex housing 22-01-1023 and Molex
40445 series crimp terminal.
6.
P4 is for DC fan rated 24V/0.12A (models TM200-S24, -S30,
-D25), or 12V/0.2A (other models)
7.
Weight:
1.40 Kgs (3.08Lbs.) approx. for U-bracket version
1.60 Kgs (3.52 Lbs.) approx. for “C” version
PIN CHART
P1
P2
P3
1
2
3
1, 2
3, 4, 5
6
7
8
9
1
2
3
4
TM200-S05
TM200-S15
TM200-S30
TM200-S12
TM200-S24
TM200-S48
AC
LIVE
AC
NEUTRAL
AC
GROUND
-SENSE
RET.
OUTPUT
#1
OUTPUT
#1
OUTPUT
#1
+SENSE
FAN
COM.
RET.
COM.
RET.
PFD
TM200-D23
TM200-D25
TM200-D24
AC
LIVE
AC
NEUTRAL
AC
GROUND
OUTPUT
#1
COM.
RET.
OUTPUT
#2
N.C.
N.C.
N.C.
FAN
COM.
RET.
COM.
RET.
PFD
TM200-T30
TM200-T32
TM200-T31
TM200-T33
AC
LIVE
AC
NEUTRAL
AC
GROUND
OUTPUT
#1
COM.
RET.
OUTPUT
#2
OUTPUT
#3
N.C.
N.C.
FAN
COM.
RET.
COM.
RET.
PFD
TM200-Q40
TM200-Q42
TM200-Q45
TM200-Q41
TM200-Q44
AC
LIVE
AC
NEUTRAL
AC
GROUND
OUTPUT
#1
COM.
RET.
OUTPUT
#2
OUTPUT
#3
OUTPUT
#4
RETURN
OUTPUT
#4
FAN
COM.
RET.
COM.
RET.
PFD
CON
PIN
Product No.
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com