Electronic Components Datasheet Search
  English  ▼

X  

TPA0232 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPA0232
Description  STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0232 Datasheet(HTML) 3 Page - Texas Instruments

  TPA0232 Datasheet HTML 1Page - Texas Instruments TPA0232 Datasheet HTML 2Page - Texas Instruments TPA0232 Datasheet HTML 3Page - Texas Instruments TPA0232 Datasheet HTML 4Page - Texas Instruments TPA0232 Datasheet HTML 5Page - Texas Instruments TPA0232 Datasheet HTML 6Page - Texas Instruments TPA0232 Datasheet HTML 7Page - Texas Instruments TPA0232 Datasheet HTML 8Page - Texas Instruments TPA0232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
TPA0232
STEREO 2-W AUDIO POWER AMPLIFIER
WITH DC VOLUME CONTROL AND MUX CONTROL
SLOS286 – NOVEMBER 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
TSSOP†
(PWP)
–40
°C to 85°C
TPA0232PWP
† The PWP package is available taped and reeled. To order a taped and reeled part,
add the suffix R to the part number (e.g., TPA0232PWPR).
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BYPASS
11
Tap to voltage divider for internal mid-supply bias generator
CLK
17
I
If a 47-nF capacitor is attached, the TPA0232 generates an internal clock. An external clock can override
the internal clock input to this terminal.
GND
1, 12
13, 24
Ground connection for circuitry. Connected to thermal pad.
LHPIN
6
I
Left channel headphone input, selected when SE/BTL is held high
LIN
10
I
Common left input for fully differential input. AC ground for single-ended inputs.
LLINEIN
5
I
Left channel line negative input, selected when SE/BTL is held low
LOUT+
4
O
Left channel positive output in BTL mode and positive output in SE mode
LOUT–
9
O
Left channel negative output in BTL mode and high-impedance in SE mode
HP/LINE
2
I
HP/LINE is the input MUX control input. When the HP/LINE terminal is held high, the headphone inputs
(LHPIN or RHPIN [6, 20]) are active. When the HP/LINE terminal is held low, the line BTL inputs (LLINEIN
or RLINEIN [5, 23]) are active.
PC-BEEP
14
I
The input for PC Beep mode. PC-BEEP is enabled when a > 1-V (peak-to-peak) square wave is input
to PC-BEEP.
PVDD
7, 18
I
Power supply for output stage
RHPIN
20
I
Right channel headphone input, selected when SE/BTL is held high
RIN
8
I
Common right input for fully differential input. AC ground for single-ended inputs.
RLINEIN
23
I
Right channel line input, selected when SE/BTL is held low
ROUT+
21
O
Right channel positive output in BTL mode and positive output in SE mode
ROUT–
16
O
Right channel negative output in BTL mode and high-impedance in SE mode
SE/BTL
15
I
Hold SE/BTL low for BTL mode and hold high for SE mode.
SHUTDOWN
22
I
When held low, this terminal places the entire device, except PC-BEEP detect circuitry, in shutdown
mode.
VDD
19
I
Analog VDD input supply. This terminal needs to be isolated from PVDD to achieve highest performance.
VOLUME
3
I
VOLUME detects the dc level at the terminal and sets the gain for 31 discrete steps covering a range of
20 dB to –40 dB for dc levels of 0.15 V to 3.54. When the dc level is over 3.54 V, the device is muted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com