Electronic Components Datasheet Search
  English  ▼

X  

TPA152 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA152
Description  75-mW STEREO AUDIO POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA152 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA152 Datasheet HTML 8Page - Texas Instruments TPA152 Datasheet HTML 9Page - Texas Instruments TPA152 Datasheet HTML 10Page - Texas Instruments TPA152 Datasheet HTML 11Page - Texas Instruments TPA152 Datasheet HTML 12Page - Texas Instruments TPA152 Datasheet HTML 13Page - Texas Instruments TPA152 Datasheet HTML 14Page - Texas Instruments TPA152 Datasheet HTML 15Page - Texas Instruments TPA152 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TPA152
75-mW STEREO AUDIO POWER AMPLIFIER
SLOS210A – JUNE 1998 – REVISED MARCH 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
power supply decoupling, CS
The TPA152 is a high-performance CMOS audio amplifier that requires adequate power supply decoupling to
ensure that the output total harmonic distortion (THD) is as low as possible. Power supply decoupling also
prevents oscillations for long lead lengths between the amplifier and the speaker. The optimum decoupling is
achieved by using two capacitors of different types that target different types of noise on the power supply leads.
For higher frequency transients, spikes, or digital hash on the line, a good low equivalent-series-resistance
(ESR) ceramic capacitor, typically 0.1
µF, placed as close as possible to the device VDD lead, works best. For
filtering lower-frequency noise signals, a larger aluminum electrolytic capacitor of 10
µF or greater placed near
the power amplifier is recommended.
midrail bypass capacitor, CB
The midrail bypass capacitor, CB, serves several important functions. During startup or recovery from shutdown
mode, CB determines the rate at which the amplifier starts up. This helps to push the start-up pop noise into
the subaudible range (so slow it can not be heard). The second function is to reduce noise produced by the
power supply caused by coupling into the output drive signal. This noise is from the midrail generation circuit
internal to the amplifier. The capacitor is fed from a 160-k
Ω source inside the amplifier. To keep the start-up pop
as low as possible, the relationship shown in equation 6 should be maintained.
(6)
1
C
B
160 k
Ω
v
1
C
I RI
As an example, consider a circuit where CB is 1 µF, CI is 1 µF and RI is 20 kΩ. Inserting these values into the
equation 9 results in:
6.25
v 50
which satisfies the rule. Bypass capacitor, CB, values of 0.1 µF to 1 µF ceramic or tantalum low-ESR capacitors
are recommended for the best THD and noise performance.
output coupling capacitor, CC
In the typical single-supply single-ended (SE) configuration, an output coupling capacitor (CC) is required to
block the dc bias at the output of the amplifier thus preventing dc currents in the load. As with the input coupling
capacitor, the output coupling capacitor and impedance of the load form a high-pass filter governed by
equation 7.
(7)
f
c(high) +
1
2
pR
L
C
C
The main disadvantage, from a performance standpoint, is that the load impedances are typically small, which
drive the low-frequency corner higher. Large values of CC are required to pass low frequencies into the load.
Consider the example where a CC of 68 µF is chosen and loads vary from 32 Ω to 47 kΩ. Table 1 summarizes
the frequency response characteristics of each configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com