Electronic Components Datasheet Search
  English  ▼

X  

TPA152 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA152
Description  75-mW STEREO AUDIO POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA152 Datasheet(HTML) 2 Page - Texas Instruments

  TPA152 Datasheet HTML 1Page - Texas Instruments TPA152 Datasheet HTML 2Page - Texas Instruments TPA152 Datasheet HTML 3Page - Texas Instruments TPA152 Datasheet HTML 4Page - Texas Instruments TPA152 Datasheet HTML 5Page - Texas Instruments TPA152 Datasheet HTML 6Page - Texas Instruments TPA152 Datasheet HTML 7Page - Texas Instruments TPA152 Datasheet HTML 8Page - Texas Instruments TPA152 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TPA152
75-mW STEREO AUDIO POWER AMPLIFIER
SLOS210A – JUNE 1998 – REVISED MARCH 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
TA
PACKAGED DEVICE
TA
SMALL OUTLINE
–40
°C to 85°C
TPA152D†
† The D packages are available taped and reeled. To
order a taped and reeled part, add the suffix R
(e.g., TPA152DR)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BYPASS
3
BYPASS is the tap to the voltage divider for internal mid-supply bias. This terminal should be connected to a 0.1-
µF
to 1-
µF capacitor.
GND
7
GND is the ground connection.
IN1–
8
I
IN1– is the inverting input for channel 1.
IN2–
4
I
IN2– is the inverting input for channel 2.
MUTE
2
I
A logic high puts the device into MUTE mode.
VDD
6
I
VDD is the supply voltage terminal.
VO1
1
O
VO1 is the audio output for channel 1.
VO2
5
O
VO2 is the audio output for channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com