Electronic Components Datasheet Search
  English  ▼

X  

TPA2000D2 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D2
Description  2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D2 Datasheet(HTML) 5 Page - Texas Instruments

  TPA2000D2 Datasheet HTML 1Page - Texas Instruments TPA2000D2 Datasheet HTML 2Page - Texas Instruments TPA2000D2 Datasheet HTML 3Page - Texas Instruments TPA2000D2 Datasheet HTML 4Page - Texas Instruments TPA2000D2 Datasheet HTML 5Page - Texas Instruments TPA2000D2 Datasheet HTML 6Page - Texas Instruments TPA2000D2 Datasheet HTML 7Page - Texas Instruments TPA2000D2 Datasheet HTML 8Page - Texas Instruments TPA2000D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TPA2000D2
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS291B – MARCH 2000 – REVISED APRIL 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
η
Efficiency
vs Output power
2, 3
In-band output spectrum
vs Frequency
4
THD+N
Total harmonic distortion plus noise
vs Output power
5 – 7
THD+N
Total harmonic distortion plus noise
vs Frequency
8, 9
test set-up for graphs
The THD+N measurements shown do not use an LC output filter, but use a low pass filter with a cut-off frequency
of 20 kHz so the switching frequency does not dominate the measurement. This is done to ensure that the
THD+N measured is just the audible THD+N. The THD+N measurements are shown at the highest gain for
worst case.
The LC output filter used in the efficiency curves (Figure 2 and 3) is shown in Figure 1.
L1 = L2 = 22
µH (DCR = 110 mΩ,
Part Number = SCD0703T–220 M–S,
Manufacturer = GCI)
C1 = C2 = 1
µF
The ferrite filter used in the efficiency curves (Figure 2 and 3) is shown in Figure 1, where L is a ferrite bead.
L1 = L2 = ferrite bead (part number = 2512067007Y3, manufacturer = Fair-Rite)
C1 = C2 = 1 nF
C2
C1
L1
L2
OUT–
OUT+
Figure 1. Class-D Output Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com