Electronic Components Datasheet Search
  English  ▼

X  

TPA2000D2 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D2
Description  2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D2 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPA2000D2 Datasheet HTML 9Page - Texas Instruments TPA2000D2 Datasheet HTML 10Page - Texas Instruments TPA2000D2 Datasheet HTML 11Page - Texas Instruments TPA2000D2 Datasheet HTML 12Page - Texas Instruments TPA2000D2 Datasheet HTML 13Page - Texas Instruments TPA2000D2 Datasheet HTML 14Page - Texas Instruments TPA2000D2 Datasheet HTML 15Page - Texas Instruments TPA2000D2 Datasheet HTML 16Page - Texas Instruments TPA2000D2 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
TPA2000D2
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS291B – MARCH 2000 – REVISED APRIL 2000
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 3. TPA2000D2 Evaluation Bill of Materials
REFERENCE
DESCRIPTION
SIZE
QUANTITY
MANUFACTURER
PART NUMBER
C1–4,
C17–21
Capacitor, ceramic chip, 0.1
µF, ±10%, X7R, 50 V
0805
9
Kemet
C0805C104K5RAC
C5
Capacitor, ceramic, 1.0
µF, +80%/–20%, Y5V, 16 V
0805
1
Murata
GRM40-Y5V105Z16
C6, C8
Capacitor, ceramic, 10
µF, +80%/–20%, Y5V, 16 V
1210
2
Murata
GRM235-Y5V106Z16
C7
Capacitor, ceramic, 220 pF,
±10%, XICON, 50 V
0805
2
Mouser
140–CC501B221K
R2, R1†,
R3†, R4†
Resistor, chip, 120 k
Ω, 1/10 W, 5%, XICON
0805
2
Mouser
260–120K
U1
IC, TPA2000D2, audio power amplifier, 2-W,
2-channel, class-D
24 pin
TSSOP
1
TI
TPA2000D2PWP
† These components are used in the EVM, but they are not required for normal applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com