Electronic Components Datasheet Search
  English  ▼

X  

TPA4861 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA4861
Description  1-W AUDIO POWER AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA4861 Datasheet(HTML) 1 Page - Texas Instruments

  TPA4861 Datasheet HTML 1Page - Texas Instruments TPA4861 Datasheet HTML 2Page - Texas Instruments TPA4861 Datasheet HTML 3Page - Texas Instruments TPA4861 Datasheet HTML 4Page - Texas Instruments TPA4861 Datasheet HTML 5Page - Texas Instruments TPA4861 Datasheet HTML 6Page - Texas Instruments TPA4861 Datasheet HTML 7Page - Texas Instruments TPA4861 Datasheet HTML 8Page - Texas Instruments TPA4861 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TPA4861
1-W AUDIO POWER AMPLIFIER
SLOS163B – SEPTEMBER 1996 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 1-W BTL Output (5 V, 0.11 % THD+N)
D 3.3-V and 5-V Operation
D No Output Coupling Capacitors Required
D Shutdown Control (IDD = 0.6 µA)
D Uncompensated Gains of 2 to 20 (BTL
Mode)
D Surface-Mount Packaging
D Thermal and Short-Circuit Protection
D High Supply Ripple Rejection Ratio
(56 dB at 1 kHz)
D LM4861 Drop-In Compatible
description
The TPA4861 is a bridge-tied load (BTL) audio power amplifier capable of delivering 1 W of continuous average
power into an 8-
Ω load at 0.2% THD+N from a 5-V power supply in voiceband frequencies (f < 5 kHz). A BTL
configuration eliminates the need for external coupling capacitors on the output in most applications. Gain is
externally configured by means of two resistors and does not require compensation for settings of 2 to 20.
Features of the amplifier are a shutdown function for power-sensitive applications as well as internal thermal
and short-circuit protection. The TPA4861 works seamlessly with TI’s TPA4860 in stereo applications. The
amplifier is available in an 8-pin SOIC surface-mount package that reduces board space and facilitates
automated assembly.
Audio
Input
Bias
Control
VDD
1 W
6
5
8
7
VO1
VO2
VDD
1
2
3
4
IN +
IN –
BYPASS
SHUTDOWN
VDD/2
CI
RI
RF
CS
CB
–
+
–
+
GND
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
SHUTDOWN
BYPASS
IN+
IN–
VO2
GND
VDD
VO1
D PACKAGE
(TOP VIEW)


Similar Part No. - TPA4861

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4861 TI-TPA4861 Datasheet
486Kb / 23P
1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI2-TPA4861 Datasheet
661Kb / 28P
1-W MONO AUDIO POWER AMPLIFIER
REVISED JUNE 2004
TPA4861D TI-TPA4861D Datasheet
486Kb / 23P
1-W MONO AUDIO POWER AMPLIFIER
TPA4861D TI2-TPA4861D Datasheet
661Kb / 28P
1-W MONO AUDIO POWER AMPLIFIER
REVISED JUNE 2004
TPA4861D.A TI2-TPA4861D.A Datasheet
661Kb / 28P
1-W MONO AUDIO POWER AMPLIFIER
REVISED JUNE 2004
More results

Similar Description - TPA4861

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
1-W BTL audio power amplifier
logo
NXP Semiconductors
TDA1015 PHILIPS-TDA1015 Datasheet
253Kb / 13P
1 to 4 W audio power amplifier
November 1982
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
1 W BTL mono audio amplifier
July 1994
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
1 W BTL audio amplifier
1998 Apr 01
logo
Texas Instruments
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
1-W MONO AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
1 W BTL audio amplifier
1998 Apr 01
logo
Texas Instruments
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
1-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com