Electronic Components Datasheet Search
  English  ▼

X  

TPA4861 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPA4861
Description  1-W AUDIO POWER AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA4861 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA4861 Datasheet HTML 16Page - Texas Instruments TPA4861 Datasheet HTML 17Page - Texas Instruments TPA4861 Datasheet HTML 18Page - Texas Instruments TPA4861 Datasheet HTML 19Page - Texas Instruments TPA4861 Datasheet HTML 20Page - Texas Instruments TPA4861 Datasheet HTML 21Page - Texas Instruments TPA4861 Datasheet HTML 22Page - Texas Instruments TPA4861 Datasheet HTML 23Page - Texas Instruments TPA4861 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
TPA4861
1-W AUDIO POWER AMPLIFIER
SLOS163B – SEPTEMBER 1996 – REVISED MARCH 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
output coupling capacitor, CC
In the typical single-supply SE configuration, an output coupling capacitor (CC) is required to block the dc bias
at the output of the amplifier thus preventing dc currents in the load. As with the input coupling capacitor, the
output coupling capacitor and impedance of the load form a high-pass filter governed by equation 13.
(13)
f
out high +
1
2
pR
L CC
The main disadvantage, from a performance standpoint, is that the load impedances are typically small, which
drives the low-frequency corner higher. Large values of CC are required to pass low frequencies into the load.
Consider the example where a CC of 68 µF is chosen and loads vary from 8 Ω, 32 Ω, and 47 kΩ. Table 2
summarizes the frequency response characteristics of each configuration.
Table 2. Common Load Impedances vs Low Frequency Output Characteristics in SE Mode
RL
CC
Lowest Frequency
8
Ω
68
µF
293 Hz
32
Ω
68
µF
73 Hz
47,000
Ω
68
µF
0.05 Hz
As Table 2 indicates, most of the bass response is attenuated into 8-
Ω loads, while headphone response is
adequate and drive into line level inputs (a home stereo for example) is very good.
shutdown mode
The TPA4861 employs a shutdown mode of operation designed to reduce supply current, IDD(q), to the absolute
minimum level during periods of nonuse for battery-power conservation. For example, during device sleep
modes or when other audio-drive currents are used (i.e., headphone mode), the speaker drive is not required.
The SHUTDOWN input terminal should be held low during normal operation when the amplifier is in use. Pulling
SHUTDOWN high causes the outputs to mute and the amplifier to enter a low-current state,
IDD(SD) = 0.6 µA. SHUTDOWN should never be left unconnected because amplifier operation would be
unpredictable.
using low-ESR capacitors
Low-ESR capacitors are recommended throughout this applications section. A real capacitor can be modeled
simply as a resistor in series with an ideal capacitor. The voltage drop across this resistor minimizes the
beneficial effects of the capacitor in the circuit. The lower the equivalent value of this resistance the more the
real capacitor behaves like an ideal capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com