Electronic Components Datasheet Search
  English  ▼

X  

TPA711 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA711
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA711 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA711 Datasheet HTML 9Page - Texas Instruments TPA711 Datasheet HTML 10Page - Texas Instruments TPA711 Datasheet HTML 11Page - Texas Instruments TPA711 Datasheet HTML 12Page - Texas Instruments TPA711 Datasheet HTML 13Page - Texas Instruments TPA711 Datasheet HTML 14Page - Texas Instruments TPA711 Datasheet HTML 15Page - Texas Instruments TPA711 Datasheet HTML 16Page - Texas Instruments TPA711 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TPA711
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
SLOS230B – NOVEMBER 1998 – REVISED MARCH 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 28
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
20
1k
10k
0.1
0.001
1
20k
100
0.01
VDD = 3.3 V
PO = 0.1 mW
RL = 10 kΩ
SE
AV = –5 V/V
AV = –2 V/V
AV = –1 V/V
Figure 29
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
20
1 k
10 k
0.01
0.001
1
20 k
100
0.1
VDD = 3.3 V
RL = 10 kΩ
CB = 1 µF
AV = –1 V/V
SE
PO = 0.13 mW
PO = 0.05 mW
PO = 0.1 mW
Figure 30
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
VDD = 3.3 V
f = 1 kHz
RL = 10 kΩ
AV = –1 V/V
SE
0.1
0.001
10
0.01
1
PO – Output Power – µW
50
75
200
100
125
150
175
Figure 31
PO – Output Power – µW
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
f = 20 Hz
VDD = 3.3 V
RL = 10 kΩ
AV = –1 V/V
SE
f = 1 kHz
f = 10 kHz
f = 20 kHz
5
100
500
0.1
0.001
10
0.01
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com