Electronic Components Datasheet Search
  English  ▼

X  

TPIC1502 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPIC1502
Description  QUAD AND HEX POWER DMOS ARRAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC1502 Datasheet(HTML) 4 Page - Texas Instruments

  TPIC1502 Datasheet HTML 1Page - Texas Instruments TPIC1502 Datasheet HTML 2Page - Texas Instruments TPIC1502 Datasheet HTML 3Page - Texas Instruments TPIC1502 Datasheet HTML 4Page - Texas Instruments TPIC1502 Datasheet HTML 5Page - Texas Instruments TPIC1502 Datasheet HTML 6Page - Texas Instruments TPIC1502 Datasheet HTML 7Page - Texas Instruments TPIC1502 Datasheet HTML 8Page - Texas Instruments TPIC1502 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TPIC1502
QUAD AND HEX POWER DMOS ARRAY
SLIS054 – OCTOBER 1996
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
resistive-load switching characteristics, Q1A, Q1B, Q2A, Q2B, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(on)
Turn-on delay time
12
td(off)
Turn-off delay time
VDD = 14 V,
RL = 18.7 Ω,ten = 10 ns,
13
ns
tr
Rise time
DD
,
tdis = 10 ns,
L
,
See Figure 3
en
,
2.2
ns
tf
Fall time
6
Qg
Total gate charge
V
14 V
I
750
A
V10 V
1.7
2.1
Qgs(th) Threshold gate-to-source charge
VDS = 14 V,
ID = 750 mA,
See Figure 4 and Figure 21
VGS = 10 V,
0.3
0.4
nC
Qgd
Gate-to-drain charge
See Figure 4 and Figure 21
0.4
0.5
LD
Internal drain inductance
7
nH
LS
Internal source inductance
7
nH
Rg
Internal gate resistance
0.25
Ω
electrical characteristics, Q3A, Q3B, Q4A, Q4B, Q5A, Q5B, TC = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSX
Drain-to-source breakdown voltage
ID = 250 µA,
VGS = 0
20
V
VGS(th)
Gate-to-source threshold voltage
ID = 1 mA,
See Figure 6
VDS = VGS,
1.5
1.85
2.2
V
V(BR)
Reverse drain-to-GND breakdown voltage
Drain-to-GND current = 250
µA (D3)
20
V
V(DS)on
Drain-to-source on-state voltage
ID = 1.5 A,
VGS = 10 V,
See Notes 3 and 4
0.6
0.75
V
VF
Forward on-state voltage, GND-to-VDD3
ID = 1.5 A (D3),
See Notes 3 and
4
1.5
V
VF(SD)
Forward on-state voltage, source-to-drain
IS = 1.5 A,
VGS = 0
See Notes 3 and 4 and Figure 20
1
1.2
V
IDSS
Zero gate voltage drain current
VDS = 16 V,
TC = 25°C
0.05
1
µA
IDSS
Zero-gate-voltage drain current
DS
,
VGS = 0
TC = 125°C
0.5
10
µA
IGSSF
Forward gate current, drain short-circuited to
source
VGS = 16 V,
VDS = 0
10
100
nA
IGSSR
Reverse gate current, drain short-circuited to
source
VSG = 16 V,
VDS = 0
10
100
nA
Ilk
Leakage current, VDD3-to-GND, gate shorted to
VDGND =16V
TC = 25°C
0.05
1
µA
Ilkg
g,
DD3
,g
source
VDGND = 16 V
TC = 125°C
0.5
10
µA
rDS( )
Static drain to source on state resistance
VGS = 10 V,
ID = 1.5 A,
See Notes 3
TC = 25°C
0.4
0.5
Ω
rDS(on)
Static drain-to-source on-state resistance
See Notes 3
and 4 and
Figure 10
TC = 125°C
0.61
0.85
Ω
gfs
Forward transconductance
VDS = 14 V,
ID = 750 mA,
See Notes 3 and 4 and Figure 14
0.4
0.74
S
Ciss
Short-circuit input capacitance, common source
73
Coss
Short-circuit output capacitance, common source
VDS = 14 V,
VGS = 0,
65
pF
Crss
Short-circuit reverse transfer capacitance,
common source
f = 1 MHz,
See Figure 18
43
F
NOTES:
3: Technique should limit TJ – TC to 10°C maximum.
4: These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com