Electronic Components Datasheet Search
  English  ▼

X  

TPIC1502 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPIC1502
Description  QUAD AND HEX POWER DMOS ARRAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC1502 Datasheet(HTML) 5 Page - Texas Instruments

  TPIC1502 Datasheet HTML 1Page - Texas Instruments TPIC1502 Datasheet HTML 2Page - Texas Instruments TPIC1502 Datasheet HTML 3Page - Texas Instruments TPIC1502 Datasheet HTML 4Page - Texas Instruments TPIC1502 Datasheet HTML 5Page - Texas Instruments TPIC1502 Datasheet HTML 6Page - Texas Instruments TPIC1502 Datasheet HTML 7Page - Texas Instruments TPIC1502 Datasheet HTML 8Page - Texas Instruments TPIC1502 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TPIC1502
QUAD AND HEX POWER DMOS ARRAY
SLIS054 – OCTOBER 1996
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
source-to-drain diode characteristics, Q3A, Q4A, Q5A, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
trr
Reverse-recovery time
IS = 750 mA,
VDS 14 V
VGS = 0,
di/dt
100 A/
µs
26
ns
QRR
Total diode charge
VDS = 14 V,
See Figures 2 and 23
di/dt = 100 A/
µs,
17
nC
resistive-load switching characteristics, Q3A, Q3B, Q4A, Q4B, Q5A, Q5B, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(on)
Turn-on delay time
13
td(off)
Turn-off delay time
VDD = 14 V,
RL = 18.7 Ω,ten = 10 ns,
13
ns
tr
Rise time
DD
,
tdis = 10 ns,
L
,
See Figure 3
en
,
3
ns
tf
Fall time
7
Qg
Total gate charge
V
14 V
I
750
A
V10 V
1
1.3
Qgs(th) Threshold gate-to-source charge
VDS = 14 V,
ID = 750 mA,
See Figure 4 and Figure 22
VGS = 10 V,
0.2
0.25
nC
Qgd
Gate-to-drain charge
See Figure 4 and Figure 22
0.2
0.25
LD
Internal drain inductance
7
nH
LS
Internal source inductance
7
nH
Rg
Internal gate resistance
0.25
Ω
thermal resistance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R
θJA
Junction-to-ambient thermal resistance
See Notes 5 and 8
90
R
θJB
Junction-to-board thermal resistance
See Notes 6 and 8
52
°C/W
R
θJP
Junction-to-pin thermal resistance
See Notes 7 and 8
28
NOTES:
5. Package mounted on a FR4 printed-circuit board with no heatsink.
6. Package mounted on a 24 in2, 4-layer FR4 printed-circuit board.
7. Package mounted in intimate contact with infinite heatsink.
8. All outputs with equal power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com