Electronic Components Datasheet Search
  English  ▼

X  

P2005A Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # P2005A
Description  Low Frequency EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2005A Datasheet(HTML) 3 Page - PulseCore Semiconductor

  P2005A Datasheet HTML 1Page - PulseCore Semiconductor P2005A Datasheet HTML 2Page - PulseCore Semiconductor P2005A Datasheet HTML 3Page - PulseCore Semiconductor P2005A Datasheet HTML 4Page - PulseCore Semiconductor P2005A Datasheet HTML 5Page - PulseCore Semiconductor P2005A Datasheet HTML 6Page - PulseCore Semiconductor P2005A Datasheet HTML 7Page - PulseCore Semiconductor P2005A Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
November 2006
P2005A/S
rev 1.3
Low Frequency EMI Reduction IC
3 of 8
Notice: The information in this document is subject to change without notice.
Spread Spectrum
The Output Frequency Selection Table and the Frequency Deviations Selections Table illustrate the two possible spread
spectrum options. The optimal setting should minimize system EMI to the fullest without affecting system performance. The
spreading is described as a percentage deviation of the center frequency (Note: The center frequency is the frequency of the
external reference input on CLKIN, Pin1).
Example:
The P2005A/S is designed for communications, digital video and imaging applications. It is not only optimized for operation
in the 8MHz – 32MHz range, but its output frequency can be extended down to one half of the input clock frequency using
the divide-by-two feature. This feature extends low frequency as low as to 4MHz. Setting Pin 3 low (DIV2 = 0; Divide-by-two
mode) sets the output frequency (ModOUT) to half the frequency of the input clock (CLKIN). This is a simple way to generate
a spread spectrum modulated low frequency clock when only a higher frequency signal is available. If you want the output
frequency to be the same as the input, you can either set DIV2=1 or leave it unconnected.
Selecting the P2005A/S’s spread options is a matter of either setting SR0=1 or SR0=0. Setting SR0=0 set as a lower
modulation spread, while setting it to 1 introduces a wider spectral spread in the output clock. Refer Modulation output and
Spreading Selections Tables. The example given in the figure below shows the device set to the divide-by-two mode
(DIV2=0) with a lower spectrum range (SR0=0). The versatility provided by allowing both clock division and spread spectrum
on one chip is already proving to be a popular solution among leading system manufacturers.
P2005A/S Application Schematic
1
2
3
4
CLKIN
XOUT
DIV2
VSS
MODOUT
5
6
7
8
SR0
SSON#
VDD
8.832MHz Crystal
Modulated 4.416MHz is
connected to CLK input
pin of the system
+3.3V
0.1µF
P2005A/S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com