Electronic Components Datasheet Search
  English  ▼

X  

P2005A Datasheet(PDF) 7 Page - PulseCore Semiconductor

Part # P2005A
Description  Low Frequency EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2005A Datasheet(HTML) 7 Page - PulseCore Semiconductor

  P2005A Datasheet HTML 1Page - PulseCore Semiconductor P2005A Datasheet HTML 2Page - PulseCore Semiconductor P2005A Datasheet HTML 3Page - PulseCore Semiconductor P2005A Datasheet HTML 4Page - PulseCore Semiconductor P2005A Datasheet HTML 5Page - PulseCore Semiconductor P2005A Datasheet HTML 6Page - PulseCore Semiconductor P2005A Datasheet HTML 7Page - PulseCore Semiconductor P2005A Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
November 2006
P2005A/S
rev 1.3
Low Frequency EMI Reduction IC
7 of 8
Notice: The information in this document is subject to change without notice.
Ordering Codes
Part Number
Marking
Package type
Temperature
P2005XF-08ST
P2005XF
8 PIN SOIC, TUBE, Pb Free
Commercial
P2005XF-08SR
P2005XF
8 PIN SOIC, TAPE AND REEL, Pb Free
Commercial
P2005XF-08TT
P2005XF
8 PIN TSSOP, TUBE, Pb Free
Commercial
P2005XF-08TR
P2005XF
8 PIN TSSOP, TAPE AND REEL, Pb Free
Commercial
P2005XG-08ST
P2005XG
8 PIN SOIC, TUBE, Green
Commercial
P2005XG-08SR
P2005XG
8 PIN SOIC, TAPE AND REEL, Green
Commercial
P2005XG-08TT
P2005XG
8 PIN TSSOP, TUBE, Green
Commercial
P2005XG-08TR
P2005XG
8 PIN TSSOP, TAPE AND REEL, Green
Commercial
Note: X=A or S
Device Ordering Information
P
2005XF-08
ST
Licensed under U.S Patent Nos 5,488,627 and 5,631,921
PIN COUNT
P = Commercial Temperature Range (0°C to 70°C)
I = Industrial Temperature Range (-25°C to 85°C)
A = Automotive Temperature Range (-40°C to 125°C)
PART NUMBER
F = LEAD FREE AND RoHS COMPLIANT PART
G = GREEN PACKAGE, LEAD FREE, and RoHS
Package:
ST – SOIC, TUBE
SR - SOIC, T/R
TT – TSSOP, TUBE
TR - TSSOP, T/R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com