Electronic Components Datasheet Search
  English  ▼

X  

P2560B Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # P2560B
Description  Low Frequency EMI Reduction
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2560B Datasheet(HTML) 3 Page - PulseCore Semiconductor

  P2560B Datasheet HTML 1Page - PulseCore Semiconductor P2560B Datasheet HTML 2Page - PulseCore Semiconductor P2560B Datasheet HTML 3Page - PulseCore Semiconductor P2560B Datasheet HTML 4Page - PulseCore Semiconductor P2560B Datasheet HTML 5Page - PulseCore Semiconductor P2560B Datasheet HTML 6Page - PulseCore Semiconductor P2560B Datasheet HTML 7Page - PulseCore Semiconductor P2560B Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
October 2006
P2560B
rev 1.3
Low Frequency EMI Reduction
3 of 8
Notice: The information in this document is subject to change without notice.
Schematic for Notebook VGA Application
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
-40 to +85
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD 22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
P2560B
CLKIN/XIN
VDD
NC
NC
VSS
ModOUT
NC
1
2
3
4
5
6
7
8
XOUT
27 MHz
VDD
FB
0.1uF
FB : Optional ferrite bead
GND
27pF
27pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com