Electronic Components Datasheet Search
  English  ▼

X  

P2560B Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # P2560B
Description  Low Frequency EMI Reduction
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2560B Datasheet(HTML) 1 Page - PulseCore Semiconductor

  P2560B Datasheet HTML 1Page - PulseCore Semiconductor P2560B Datasheet HTML 2Page - PulseCore Semiconductor P2560B Datasheet HTML 3Page - PulseCore Semiconductor P2560B Datasheet HTML 4Page - PulseCore Semiconductor P2560B Datasheet HTML 5Page - PulseCore Semiconductor P2560B Datasheet HTML 6Page - PulseCore Semiconductor P2560B Datasheet HTML 7Page - PulseCore Semiconductor P2560B Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
October 2006
P2560B
rev 1.3
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Low Frequency EMI Reduction
Features
•
FCC approved method of EMI attenuation
•
Generates a low EMI spread spectrum and a non
spread reference signal of the input clock
frequency
•
Optimized for input frequency range from
20 to 32MHz
•
Internal loop filter minimizes external components
and board space
•
Two selectable spread ranges
•
3.3V Operating Voltage
•
Ultra low power CMOS design: 5.50 mA @3.3V
•
Supports notebook VGA and other LCD timing
controller applications
•
Available in 8-pin SOIC and TSSOP
Product Description
The P2560B is a versatile spread spectrum frequency
modulator designed specifically for a wide range of clock
frequencies. It reduces electromagnetic interference (EMI) at
the clock source allowing system-wide reduction of EMI of
downstream clock and data dependent signals. It allows
significant system cost savings by reducing the number of
circuit board layers and shielding traditionally required to
pass EMI regulations.
The P2560B modulates the output of a single PLL in order to
spread the bandwidth of a synthesized clock, thereby
decreasing the peak amplitudes of its harmonics.
This results in significantly lower system EMI compared to
the typical narrow band signal produced by oscillators and
most clock generators. Lowering EMI by increasing a signal’s
bandwidth is called spread spectrum clock generation.
The P2560B uses the most efficient and optimized
modulation profile approved by the FCC and is implemented
by using a proprietary all-digital method.
Applications
The P2560B is targeted toward the notebook VGA chip and
other displays using an LVDS interface, PC peripheral
devices and embedded systems.
Block Diagram
VDD
VSS
ModOUT
XIN /CLKIN
Frequency
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
PLL
Crystal
Oscillator
XOUT


Similar Part No. - P2560B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2560B ALSC-P2560B Datasheet
187Kb / 7P
Low Frequency EMI Reduction
logo
ON Semiconductor
P2560B ONSEMI-P2560B Datasheet
108Kb / 6P
Low Frequency EMI Reduction
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
P2560B-08ST ALSC-P2560B-08ST Datasheet
187Kb / 7P
Low Frequency EMI Reduction
P2560BF-08ST ALSC-P2560BF-08ST Datasheet
187Kb / 7P
Low Frequency EMI Reduction
logo
ON Semiconductor
P2560BG-08SR ONSEMI-P2560BG-08SR Datasheet
108Kb / 6P
Low Frequency EMI Reduction
August, 2011 ??Rev. P3
More results

Similar Description - P2560B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2531A ALSC-ASM3P2531A Datasheet
189Kb / 8P
Low Frequency EMI Reduction
ASM3X2105A ALSC-ASM3X2105A Datasheet
455Kb / 10P
Low Frequency EMI Reduction
P2005A ALSC-P2005A Datasheet
459Kb / 10P
Low Frequency EMI Reduction IC
P2010A ALSC-P2010A Datasheet
457Kb / 9P
Low Frequency EMI Reduction IC
P2560B ALSC-P2560B Datasheet
187Kb / 7P
Low Frequency EMI Reduction
logo
PulseCore Semiconductor
ASM3P2531A PULSECORE-ASM3P2531A Datasheet
347Kb / 8P
Low Frequency EMI Reduction
P2005A PULSECORE-P2005A Datasheet
347Kb / 8P
Low Frequency EMI Reduction IC
P2010A PULSECORE-P2010A Datasheet
164Kb / 8P
Low Frequency EMI Reduction IC
logo
ON Semiconductor
P2010A ONSEMI-P2010A Datasheet
111Kb / 7P
Low Frequency EMI Reduction IC
August, 2011 ??Rev. 2
P2560B ONSEMI-P2560B Datasheet
108Kb / 6P
Low Frequency EMI Reduction
August, 2011 ??Rev. P3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com