Electronic Components Datasheet Search
  English  ▼

X  

P2781 Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # P2781
Description  General Purpose EMI Reduction IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2781 Datasheet(HTML) 1 Page - PulseCore Semiconductor

  P2781 Datasheet HTML 1Page - PulseCore Semiconductor P2781 Datasheet HTML 2Page - PulseCore Semiconductor P2781 Datasheet HTML 3Page - PulseCore Semiconductor P2781 Datasheet HTML 4Page - PulseCore Semiconductor P2781 Datasheet HTML 5Page - PulseCore Semiconductor P2781 Datasheet HTML 6Page - PulseCore Semiconductor P2781 Datasheet HTML 7Page - PulseCore Semiconductor P2781 Datasheet HTML 8Page - PulseCore Semiconductor P2781 Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
October 2006
P2781/82/84
rev 1.6
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
General Purpose EMI Reduction IC
Features
•
Provides up to 15dB of EMI suppression
•
FCC approved method of EMI attenuation
•
Generates a 1X, 2X, and 4X low EMI spread
spectrum clock of the input frequency
•
Input frequency range from 3 to 78MHz
•
External loop filter for spread % adjustment
•
Spreading ranges from ±0.25% to ±5.0%
•
Ultra low cycle-to-cycle jitter
•
Zero-cycle slip
•
3.3V operating voltage range
•
Ultra-low power CMOS design
•
P278xA is available in 8 pin SOIC and TSSOP
Packages
•
Available for industrial and automotive
temperature ranges.
Product Description
The P278xA is a versatile spread spectrum frequency
modulator designed specifically for digital camera and
other digital video and imaging applications. The P278xA
reduces electromagnetic interference (EMI) at the clock
source, which provides system wide reduction of EMI of
all clock dependent signals. The P278xA allows
significant system cost savings by reducing the number of
circuit board layers and shielding that are traditionally
required to pass EMI regulations.
The P278xA uses the most efficient and optimized
modulation profile approved by the FCC. The P278xA
modulates the output of a single PLL in order to “spread”
the bandwidth of a synthesized clock and, more
importantly, decreases the peak amplitudes of its
harmonics. This result in significantly lower system EMI
compared to the typical narrow band signal produced by
oscillators and most frequency generators. Lowering EMI
by increasing a signal’s bandwidth is called spread
spectrum clock generation.
Applications
The P278xA is targeted towards MFP, xDSL, fax modem,
set-top box, USB controller, DSC, and embedded systems.
Block Diagram
Crystal
Oscillator
Frequency
Divider
Feedback
Divider
Phase
Detector
Modulation
Output
Divider
VCO
XIN /CLKIN
XOUT
FS0
FS1
LF
VDD
VSS
PLL
ModOUT


Similar Part No. - P2781

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2781 ALSC-P2781 Datasheet
169Kb / 11P
General Purpose EMI Reduction IC
logo
ETAL Group
P2781 ETAL-P2781 Datasheet
111Kb / 6P
MICROPROFILE LINE MATCHING TRANSFORMER
logo
ON Semiconductor
P2781 ONSEMI-P2781 Datasheet
154Kb / 8P
General Purpose EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
P2781A-08SR ALSC-P2781A-08SR Datasheet
169Kb / 11P
General Purpose EMI Reduction IC
P2781A-08ST ALSC-P2781A-08ST Datasheet
169Kb / 11P
General Purpose EMI Reduction IC
More results

Similar Description - P2781

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2008A ALSC-P2008A Datasheet
172Kb / 9P
General Purpose EMI Reduction IC
P2027A ALSC-P2027A Datasheet
549Kb / 9P
General Purpose EMI Reduction IC
P2681A ALSC-P2681A Datasheet
471Kb / 10P
General Purpose EMI Reduction IC
P2781 ALSC-P2781 Datasheet
169Kb / 11P
General Purpose EMI Reduction IC
logo
PulseCore Semiconductor
P2008A PULSECORE-P2008A Datasheet
173Kb / 8P
General Purpose EMI Reduction IC
P2027A PULSECORE-P2027A Datasheet
176Kb / 8P
General Purpose EMI Reduction IC
logo
ON Semiconductor
P2781 ONSEMI-P2781 Datasheet
154Kb / 8P
General Purpose EMI Reduction IC
JANUARY 2010 ??Rev. 2
P2008A ONSEMI-P2008A Datasheet
124Kb / 7P
General Purpose EMI Reduction IC
August, 2011 ??Rev. 3
P2027A ONSEMI-P2027A Datasheet
112Kb / 7P
General Purpose EMI Reduction IC
August, 2011 ??Rev. 2
PCS3P8504A ONSEMI-PCS3P8504A_17 Datasheet
77Kb / 6P
General Purpose Peak EMI Reduction IC
June, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com