Electronic Components Datasheet Search
  English  ▼

X  

TPIC1533 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPIC1533
Description  QUAD AND HEX POWER DMOS ARRAY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC1533 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPIC1533 Datasheet HTML 9Page - Texas Instruments TPIC1533 Datasheet HTML 10Page - Texas Instruments TPIC1533 Datasheet HTML 11Page - Texas Instruments TPIC1533 Datasheet HTML 12Page - Texas Instruments TPIC1533 Datasheet HTML 13Page - Texas Instruments TPIC1533 Datasheet HTML 14Page - Texas Instruments TPIC1533 Datasheet HTML 15Page - Texas Instruments TPIC1533 Datasheet HTML 16Page - Texas Instruments TPIC1533 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TPIC1533
QUAD AND HEX POWER DMOS ARRAY
SLIS064 – OCTOBER 1996
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 19
SOURCE-TO-DRAIN DIODE CURRENT
vs
SOURCE-TO-DRAIN VOLTAGE
VSD – Source-to-Drain Voltage – V
0.6
0.4
0.2
0.1
1
0.1
10
1
TJ = – 40°C
TJ = 25°C
TJ = 75°C
TJ = 150°C
TJ = 125°C
6
4
2
10
VGS = 0
Q1A, Q1B, Q2A, Q2B
Figure 20
SOURCE-TO-DRAIN DIODE CURRENT
vs
SOURCE-TO-DRAIN VOLTAGE
VSD – Source-to-Drain Voltage – V
0.6
0.4
0.2
0.1
1
0.1
10
1
TJ = – 40°C
TJ = 25°C
TJ = 75°C
TJ = 150°C
TJ = 125°C
6
4
2
10
VGS = 0
Q3A, Q3B, Q4A, Q4B,
Q5A, Q5B
Figure 21
DRAIN-TO-SOURCE VOLTAGE AND
GATE-TO-SOURCE VOLTAGE
vs
GATE CHARGE
Qg – Gate Charge – nC
0
1
234
5
6
7
8
6
4
2
0
8
10
12
VDD = 10 V
ID = 1.5 A
TJ = 25°C
Q1A, Q1B, Q2A, Q2B
See Figure 4
14
16
6
4
2
0
8
10
12
14
16
910
VDD = 12 V
VDD = 14 V
VDD = 12 V
Figure 22
DRAIN-TO-SOURCE VOLTAGE AND
GATE-TO-SOURCE VOLTAGE
vs
GATE CHARGE
Qg – Gate Charge – nC
0
16
VDD = 14 V
VDD = 12 V
VDD = 10 V
VDD = 12 V
VDD = 14 V
ID = 750 mA
TJ = 25°C
See Figure 4
Q3A, Q3B,
Q4A, Q4B,
Q5A, Q5B
14
12
10
8
6
4
2
0
16
14
12
10
8
6
4
2
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
2.25 2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com