Electronic Components Datasheet Search
  English  ▼

X  

TPIC43T02DA Datasheet(PDF) 13 Page - Texas Instruments

Part # TPIC43T02DA
Description  THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC43T02DA Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPIC43T02DA Datasheet HTML 9Page - Texas Instruments TPIC43T02DA Datasheet HTML 10Page - Texas Instruments TPIC43T02DA Datasheet HTML 11Page - Texas Instruments TPIC43T02DA Datasheet HTML 12Page - Texas Instruments TPIC43T02DA Datasheet HTML 13Page - Texas Instruments TPIC43T02DA Datasheet HTML 14Page - Texas Instruments TPIC43T02DA Datasheet HTML 15Page - Texas Instruments TPIC43T02DA Datasheet HTML 16Page - Texas Instruments TPIC43T02DA Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TPIC43T01, TPIC43T02
THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
SLIS098 – APRIL 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
VDD
UVLO
3 Counts
PUC
S/S
Internal
5.8 MHz
OSC
÷ 32
Charge Pump
UV
t(DG)
PWM
(22 KHz)
CPUV
D
Q
Q
CLR
ENA
Shutdown
Latch
VDD
OSC
Lock
OSC
Lock
Detect
Lock
Counter
LTCLR
ILIM
OCSD
OCSD
LT
ENA
ENA
CLR
t(DG)
Figure 6. Shutdown Logic Block Diagram
FG amplifier
The FG amplifier amplifies the ac signal from the FG variable-reluctance pickup and converts it to a digital signal
for internal use in the FG frequency control loop (see Figure 7). Figure 8 illustrates the generation of the
FGSOUT signal in the FG amplifier section. Two comparators driving an RS latch are used with the upper
comparator threshold (taken from the 5 V VDD band-gap buffer circuit feedback resistor string), while the lower
comparator threshold is connected to the FG bias voltage. This provides controlled hysteresis above the FGIN+
amplifier input reference voltage and zero-crossing detection at the input reference voltage.
_
+
_
+
R
S
Q
FG
Comparator
_
+
FGS Buffer
FG Amp
_
+
1/2 VDD
+ 180 mV
1/2 VDD
Band-Gap
Buffer
OP-Amp
FGSOUT
FGOUT
FGIN–
FGIN+
330 k
Ω
1 k
Ω
1
µF
FG
Winding
150 pF
Figure 7. FG Signal Conditioning Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com