Electronic Components Datasheet Search
  English  ▼

X  

TPIC6596 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6596
Description  POWER LOGIC 8-BIT SHIFT REGISTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC6596 Datasheet(HTML) 4 Page - Texas Instruments

  TPIC6596 Datasheet HTML 1Page - Texas Instruments TPIC6596 Datasheet HTML 2Page - Texas Instruments TPIC6596 Datasheet HTML 3Page - Texas Instruments TPIC6596 Datasheet HTML 4Page - Texas Instruments TPIC6596 Datasheet HTML 5Page - Texas Instruments TPIC6596 Datasheet HTML 6Page - Texas Instruments TPIC6596 Datasheet HTML 7Page - Texas Instruments TPIC6596 Datasheet HTML 8Page - Texas Instruments TPIC6596 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TPIC6596
POWER LOGIC 8-BIT SHIFT REGISTER
SLIS096 – APRIL 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions over recommended operating temperature range (unless
otherwise noted)
MIN
MAX
UNIT
Logic supply voltage, VCC
4.5
5.5
V
High-level input voltage, VIH
0.85 VCC
V
Low-level input voltage, VIL
0.15 VCC
V
Pulsed drain output current, TC = 25°C, VCC = 5 V (see Notes 3 and 5)
– 1.8
1.5
A
Setup time, SER IN high before SRCK
↑, tsu (see Figure 2)
10
ns
Hold time, SER IN high after SRCK
↑, th (see Figure 2)
10
ns
Pulse duration, tw (see Figure 2)
20
ns
Operating case temperature, TC
–40
125
°C
NOTES:
3. Pulse duration
≤ 100 µs, duty cycle ≤ 2%
5. Technique should limit TJ – TC to 10°C maximum.
electrical characteristics, VCC = 5 V, TC = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSX Drain-source breakdown voltage
ID = 1 mA
45
V
VSD
Source-drain diode forward voltage
IF = 250 mA,
See Note 3
0.85
1
V
VOH
High-level output voltage,
IOH = – 20 mA, VCC = 4.5 V
4.4
4.49
V
VOH
gg ,
SER OUT
IOH = – 4 mA, VCC = 4.5 V
4.1
4.3
V
VOL
Low-level output voltage,
IOH = 20 mA, VCC = 4.5 V
0.002
0.1
V
VOL
g,
SER OUT
IOH = 4 mA,
VCC = 4.5 V
0.2
0.4
V
V(hys)
Input hysteresis
VDS = 15 V
1.3
V
IIH
High-level input current
VCC = 5.5 V,
VI = VCC
1
µA
IIL
Low-level input current
VCC = 5.5 V,
VI = 0
–1
µA
ICCL
Logic supply current
IO = 0,
All inputs low
15
100
µA
ICC(FRQ)
Logic supply current frequency
fSRCK = 5 MHz, IO = 0,
CL = 30 pF,
See Figures 1, 2, and 6
0.6
5
mA
IN
Nominal current
VDS(on) = 0.5 V,
IN = ID,TC = 85°C
See Notes 5, 6, and 7
250
mA
IDSX
Off state drain current
VDS = 40 V
0.05
1
µA
IDSX
Off-state drain current
VDS = 40 V,
TC = 125°C
0.15
5
µA
ID = 250 mA,
VCC = 4.5 V
1.3
2
rDS(on)
Static drain-source on-state
resistance
ID = 250 mA,
TC = 125°C,
VCC = 4.5 V
See Notes 5 and 6
and Figures 9 and 10
2
3.2
Ω
ID = 500 mA,
VCC = 4.5 V
1.3
2
NOTES:
3. Pulse duration
≤ 100 µs, duty cycle ≤ 2%
5. Technique should limit TJ – TC to 10°C maximum.
6. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
7. Nominal current is defined for a consistent comparison between devices from different sources. It is the current that produces a
voltage drop of 0.5 V at TC = 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com