Electronic Components Datasheet Search
  English  ▼

X  

TPIC6B596 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6B596
Description  POWER LOGIC 8-BIT SHIFT REGISTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC6B596 Datasheet(HTML) 5 Page - Texas Instruments

  TPIC6B596 Datasheet HTML 1Page - Texas Instruments TPIC6B596 Datasheet HTML 2Page - Texas Instruments TPIC6B596 Datasheet HTML 3Page - Texas Instruments TPIC6B596 Datasheet HTML 4Page - Texas Instruments TPIC6B596 Datasheet HTML 5Page - Texas Instruments TPIC6B596 Datasheet HTML 6Page - Texas Instruments TPIC6B596 Datasheet HTML 7Page - Texas Instruments TPIC6B596 Datasheet HTML 8Page - Texas Instruments TPIC6B596 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TPIC6B596
POWER LOGIC 8-BIT SHIFT REGISTER
SLIS095 – MARCH 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output from G
150
ns
tPHL
Propagation delay time, high-to-low-level output from G
CL = 30 pF,
ID = 100 mA,
90
ns
tr
Rise time, drain output
L
,
D
,
See Figures 1, 2, and 9
200
ns
tf
Fall time, drain output
200
ns
tpd
Propagation delay time, SRCK
↓ to SEROUT
CL = 30 pF,
ID = 100 mA,
See Figure 2
15
ns
f(SRCK)
Serial clock frequency
CL = 30 pF,
ID = 100 mA,
See Note 8
10
MHz
ta
Reverse-recovery-current rise time
IF = 100 mA,
di/dt = 20 A/
µs,
100
ns
trr
Reverse-recovery time
F
,
µ ,
See Notes 5 and 6 and Figure 3
300
ns
NOTES:
5. Technique should limit TJ – TC to 10°C maximum.
6. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
8. This is the maximum serial clock frequency assuming cascaded operation where serial data is passed from one stage to a second
stage. The clock period allows for SRCK
→ SEROUT propagation delay and setup time plus some timing margin.
thermal resistance
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
R
θJA
Thermal resistance junction to ambient
DW package
All 8 outputs with equal power
90
°C/W
R
θJA
Thermal resistance, junction-to-ambient
N package
All 8 outputs with equal power
95
°C/W
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
5 V
VCC
DRAIN
GND
SRCLR
SER IN
RL = 235 Ω
CL = 30 pF
(see Note B)
VOLTAGE WAVEFORMS
G
Output
SRCK
RCK
Word
Generator
(see Note A)
7
6543
210
5 V
SRCK
5 V
G
5 V
SER IN
RCK
SRCLR
5 V
5 V
DUT
24 V
DRAIN1
24 V
0 V
0 V
0 V
0.5 V
0 V
10, 11, 19
8
13
3
12
9
0 V
4 –7,
14 –17
ID
2
NOTES: A. The word generator has the following characteristics: tr ≤ 10 ns, tf ≤ 10 ns, tw = 300 ns, pulsed repetition rate (PRR) = 5 kHz,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 1. Resistive-Load Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com