Electronic Components Datasheet Search
  English  ▼

X  

TPIC6B596 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6B596
Description  POWER LOGIC 8-BIT SHIFT REGISTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC6B596 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPIC6B596 Datasheet HTML 3Page - Texas Instruments TPIC6B596 Datasheet HTML 4Page - Texas Instruments TPIC6B596 Datasheet HTML 5Page - Texas Instruments TPIC6B596 Datasheet HTML 6Page - Texas Instruments TPIC6B596 Datasheet HTML 7Page - Texas Instruments TPIC6B596 Datasheet HTML 8Page - Texas Instruments TPIC6B596 Datasheet HTML 9Page - Texas Instruments TPIC6B596 Datasheet HTML 10Page - Texas Instruments TPIC6B596 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TPIC6B596
POWER LOGIC 8-BIT SHIFT REGISTER
SLIS095 – MARCH 2000
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
2
1
10
4
0.1
0.2
1
0.4
2
10
4
0.2
0.1
0.4
PEAK AVALANCHE CURRENT
vs
TIME DURATION OF AVALANCHE
tav – Time Duration of Avalanche – ms
TC = 25°C
Figure 6
SUPPLY CURRENT
vs
FREQUENCY
f – Frequency – MHz
1
0.5
0
0.1
1
10
1.5
2
100
2.5
VCC = 5 V
TC = – 40°C to 125°C
Figure 7
10
8
4
2
0
6
0
100
200
300
400
14
12
16
DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
18
500
600
700
ID – Drain Current – mA
VCC = 5 V
See Note A
TC = 25°C
TC = – 40°C
TC = 125°C
Figure 8
VCC – Logic Supply Voltage – V
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
LOGIC SUPPLY VOLTAGE
4
3
1
0
4
4.5
5
5.5
5
7
8
6
6.5
7
6
2
TC = 125°C
TC = 25°C
TC = – 40°C
ID = 100 mA
See Note A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com