Electronic Components Datasheet Search
  English  ▼

X  

TPS1101 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS1101
Description  SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS1101 Datasheet(HTML) 2 Page - Texas Instruments

  TPS1101 Datasheet HTML 1Page - Texas Instruments TPS1101 Datasheet HTML 2Page - Texas Instruments TPS1101 Datasheet HTML 3Page - Texas Instruments TPS1101 Datasheet HTML 4Page - Texas Instruments TPS1101 Datasheet HTML 5Page - Texas Instruments TPS1101 Datasheet HTML 6Page - Texas Instruments TPS1101 Datasheet HTML 7Page - Texas Instruments TPS1101 Datasheet HTML 8Page - Texas Instruments TPS1101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TPS1101, TPS1101Y
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS079C – DECEMBER 1993 – REVISED AUGUST 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematic
NOTE A: For all applications, all source terminals should be
connected and all drain terminals should be connected.
SOURCE
DRAIN
GATE
ESD-
Protection
Circuitry
TPS1101Y chip information
This chip, when properly assembled, displays characteristics similar to the TPS1101. Thermal compression or
ultrasonic bonding may be used on the doped aluminum bonding pads. The chips may be mounted with
conductive epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%
ALL DIMENSIONS ARE IN MILS
80
92
TPS1100Y
(2)
(6)
(1)
(3)
(7)
(8)
(5)
(4)
DRAIN
SOURCE
SOURCE
SOURCE
GATE
DRAIN
DRAIN
DRAIN
(2)
(1)
(3)
(4)
(6)
(7)
(8)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com