Electronic Components Datasheet Search
  English  ▼

X  

TPS1101 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS1101
Description  SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS1101 Datasheet(HTML) 3 Page - Texas Instruments

  TPS1101 Datasheet HTML 1Page - Texas Instruments TPS1101 Datasheet HTML 2Page - Texas Instruments TPS1101 Datasheet HTML 3Page - Texas Instruments TPS1101 Datasheet HTML 4Page - Texas Instruments TPS1101 Datasheet HTML 5Page - Texas Instruments TPS1101 Datasheet HTML 6Page - Texas Instruments TPS1101 Datasheet HTML 7Page - Texas Instruments TPS1101 Datasheet HTML 8Page - Texas Instruments TPS1101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TPS1101, TPS1101Y
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS079C – DECEMBER 1993 – REVISED AUGUST 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
UNIT
Drain-to-source voltage, VDS
– 15
V
Gate-to-source voltage, VGS
2 or – 15
V
‡
D package
TA = 25°C
±0.62
‡
VGS =2 7 V
D package
TA = 125°C
±0.39
‡
VGS = – 2.7 V
PW package
TA = 25°C
±0.61
‡
PW package
TA = 125°C
±0.38
‡
D package
TA = 25°C
±0.88
‡
VGS =3 V
D package
TA = 125°C
±0.47
‡
VGS = – 3 V
PW package
TA = 25°C
±0.86
Continuous drain current (TJ = 150°C) ID‡
PW package
TA = 125°C
±0.45
A
Continuous drain current (TJ = 150°C), ID‡
D package
TA = 25°C
±1.52
A
VGS =4 5 V
D package
TA = 125°C
±0.71
VGS = – 4.5 V
PW package
TA = 25°C
±1.44
PW package
TA = 125°C
±0.67
D package
TA = 25°C
±2.30
VGS =10 V
D package
TA = 125°C
±1.04
VGS = – 10 V
PW package
TA = 25°C
±2.18
PW package
TA = 125°C
±0.98
Pulsed drain current, ID‡
TA = 25°C
±10
A
Continuous source current (diode conduction), IS
TA = 25°C
– 1.1
A
Storage temperature range, Tstg
– 55 to 150
°C
Operating junction temperature range, TJ
– 40 to 150
°C
Operating free-air temperature range, TA
– 40 to 125
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ Maximum values are calculated using a derating factor based on RθJA = 158°C/W for the D package and RθJA = 176°C/W for the PW package.
These devices are mounted on an FR4 board with no special thermal considerations.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR‡
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D
791 mW
6.33 mW/
°C
506 mW
411 mW
158 mW
PW
710 mW
5.68 mW/
°C
454 mW
369 mW
142 mW
‡ Maximum values are calculated using a derating factor based on RθJA = 158°C/W for the D package and RθJA = 176°C/W
for the PW package. These devices are mounted on an FR4 board with no special thermal considerations.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com