Electronic Components Datasheet Search
  English  ▼

X  

TPS2014 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS2014
Description  POWER DISTRIBUTION SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS2014 Datasheet HTML 12Page - Texas Instruments TPS2014 Datasheet HTML 13Page - Texas Instruments TPS2014 Datasheet HTML 14Page - Texas Instruments TPS2014 Datasheet HTML 15Page - Texas Instruments TPS2014 Datasheet HTML 16Page - Texas Instruments TPS2014 Datasheet HTML 17Page - Texas Instruments TPS2014 Datasheet HTML 18Page - Texas Instruments TPS2014 Datasheet HTML 19Page - Texas Instruments TPS2014 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
TPS2014, TPS2015
POWER DISTRIBUTION SWITCHES
SLVS159B – DECEMBER 1996 – REVISED AUGUST 1997
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Figure 24. Typical Application
OUT
OUT
OUT
2
3
5
4
EN
OC
IN
IN
7
8
6
22
µF
0.1
µF
10 k
Ω
Power Supply
4 V – 5 V
Overcurrent Output
Load Enable
TPS2014
External Load
1
GND
0.1
µF
+
power supply considerations
The TPS20xx has multiple inputs and outputs that must be connected in parallel to minimize voltage drop and
prevent unnecessary power dissipation.
A 0.1-
µF ceramic bypass capacitor between IN and GND, close to the device, is recommended. A high-value
electrolytic capacitor is also desirable when the output load is heavy or has large paralleled capacitors.
Bypassing the output with a 0.1-
µF ceramic capacitor improves the immunity of the device to electrostatic
discharge (ESD).
overcurrent
A sense FET is employed to check for overcurrent conditions. Unlike sense resistors and polyfuses, sense FETs
do not increase series resistance to the current path. When an overcurrent condition is detected, the device
maintains a constant output current and reduces the output voltage accordingly. Shutdown only occurs when
the fault is present long enough to activate thermal limiting.
Three possible overload conditions can occur. In the first condition, the output has been shorted before the
device is enabled or before VI(IN) has been applied (see Figures 7 and 8). The TPS20xx senses the short and
immediately switches into a constant-current output.
Under the second condition, the short occurs while the device is enabled. At the instant the short occurs, very
high currents flow for a short time before the current-limit circuit can react (see Figures 3 and 4). After the
current-limit circuit has tripped, the device limits normally.
Under the third condition, the load has been gradually increased beyond the recommended operating current.
The current is permitted to rise until the current-limit threshold is reached (see Figures 5 and 6). The TPS20xx
is capable of delivering current up to the current-limit threshold without damage. When the threshold has been
reached, the device switches into its constant-current mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com