Electronic Components Datasheet Search
  English  ▼

X  

TPS2014 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS2014
Description  POWER DISTRIBUTION SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS2014 Datasheet HTML 14Page - Texas Instruments TPS2014 Datasheet HTML 15Page - Texas Instruments TPS2014 Datasheet HTML 16Page - Texas Instruments TPS2014 Datasheet HTML 17Page - Texas Instruments TPS2014 Datasheet HTML 18Page - Texas Instruments TPS2014 Datasheet HTML 19Page - Texas Instruments TPS2014 Datasheet HTML 20Page - Texas Instruments TPS2014 Datasheet HTML 21Page - Texas Instruments TPS2014 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
TPS2014, TPS2015
POWER DISTRIBUTION SWITCHES
SLVS159B – DECEMBER 1996 – REVISED AUGUST 1997
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
bus-powered and self-power hubs
Hubs provide data and power for downstream functions through output ports. Self-power hubs have internal
power supplies that furnish power to downstream functions. Each port is required to supply 500 mA continuous
to a downstream function. Each port must have overcurrent protection to meet the requlatory safety limit that
no single port can deliver more than 5 A. The self-power hub must also have a method to detect and report an
overcurrent condition to the USB host. The TPS20xx provides the required current-limiting function and has an
overcurrent logic output to inform the hub controller of the fault condition. The on-state resistance of the
TPS20xx is low enough to meet all USB voltage regulation requirements. The switch also provides the capability
to remove power from a faulted port.
Bus-powered hubs distribute power and data from an input port to downstream ports. Each output port is
required to supply 100 mA continuous. A bus-powered hub is not required to provide overcurrent protection
because it is provided by the upstream port. In order to power up in a low power state, the self-powered hub
must be able to switch power to its output ports. The TPS20xx can also provide this function.
Figure 25. Typical USB Self-Powered Hub Application
OUT
OUT
OUT
2
3
5
4
EN
OC
IN
IN
7
8
6
120
µF
0.1
µF
10 k
Ω
TPS2014
1
D-
D+
USB Port
Connector
GND
5 V
3.3 V
5 V
OVERCURRENT
LOAD ENABLE
D1+
D1-
USB
Controller
Power Supply
GND
SN75240
TUSB2040
0.1
µF
+
low power bus-powered functions and high power bus-powered functions
Low-power and high-power bus-powered functions are powered by their input ports. If the load of the function
is more than the parallel combination of 44
Ω and 10 µF, it must implement inrush current limiting. The TPS20xx
provides this function with its controlled rise time during turn on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com