Electronic Components Datasheet Search
  English  ▼

X  

TPS2020P Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2020P
Description  POWER-DISTRIBUTION SWITCHES
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2020P Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2020P Datasheet HTML 9Page - Texas Instruments TPS2020P Datasheet HTML 10Page - Texas Instruments TPS2020P Datasheet HTML 11Page - Texas Instruments TPS2020P Datasheet HTML 12Page - Texas Instruments TPS2020P Datasheet HTML 13Page - Texas Instruments TPS2020P Datasheet HTML 14Page - Texas Instruments TPS2020P Datasheet HTML 15Page - Texas Instruments TPS2020P Datasheet HTML 16Page - Texas Instruments TPS2020P Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TPS2020, TPS2021, TPS2022, TPS2023, TPS2024
POWER-DISTRIBUTION SWITCHES
SLVS175A – DECEMBER 1998 – REVISED NOVEMBER 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 22. 0.5-
Ω Load Connected to an Enabled
TPS2024 Device
50 100 150 200 250 300 350 400 450
500
t – Time –
µs
VO(OC) (5 V/div)
0
IO(OUT) (5 A/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
RL = 0.5 Ω
TA = 25°C
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
td(on)
Turnon delay time
vs Output voltage
23
td(off)
Turnoff delay time
vs Input voltage
24
tr
Rise time
vs Load current
25
tf
Fall time
vs Load current
26
Supply current (enabled)
vs Junction temperature
27
Supply current (disabled)
vs Junction temperature
28
Supply current (enabled)
vs Input voltage
29
Supply current (disabled)
vs Input voltage
30
IOS
Short circuit current limit
vs Input voltage
31
IOS
Short-circuit current limit
vs Junction temperature
32
vs Input voltage
33
rDS( )
Static drain source on state resistance
vs Junction temperature
34
rDS(on)
Static drain-source on-state resistance
vs Input voltage
35
vs Junction temperature
36
VI
Input voltage
Undervoltage lockout
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com