Electronic Components Datasheet Search
  English  ▼

X  

TPS2020P Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS2020P
Description  POWER-DISTRIBUTION SWITCHES
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2020P Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS2020P Datasheet HTML 15Page - Texas Instruments TPS2020P Datasheet HTML 16Page - Texas Instruments TPS2020P Datasheet HTML 17Page - Texas Instruments TPS2020P Datasheet HTML 18Page - Texas Instruments TPS2020P Datasheet HTML 19Page - Texas Instruments TPS2020P Datasheet HTML 20Page - Texas Instruments TPS2020P Datasheet HTML 21Page - Texas Instruments TPS2020P Datasheet HTML 22Page - Texas Instruments TPS2020P Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
TPS2020, TPS2021, TPS2022, TPS2023, TPS2024
POWER-DISTRIBUTION SWITCHES
SLVS175A – DECEMBER 1998 – REVISED NOVEMBER 1999
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
GND
IN
IN
EN
OUT
OC
OUT
OUT
TPS202x
GND
IN
IN
EN
OUT
OC
OUT
OUT
TPS202x
Rpullup
V+
Rfilter
Rpullup
Cfilter
V+
Figure 39. Typical Circuit for OC Pin and RC Filter for Damping Inrush OC Responses
power dissipation and junction temperature
The low on-resistance on the n-channel MOSFET allows small surface-mount packages, such as SOIC, to pass
large currents. The thermal resistances of these packages are high compared to those of power packages; it
is good design practice to check power dissipation and junction temperature. The first step is to find rDS(on) at
the input voltage and operating temperature. As an initial estimate, use the highest operating ambient
temperature of interest and read rDS(on) from Figures 33–36. Next, calculate the power dissipation using:
P
D +
r
DS(on)
I2
Finally, calculate the junction temperature:
T
J +
P
D
RqJA ) TA
Where:
TA = Ambient Temperature °C
RθJA = Thermal resistance SOIC = 172°C/W, PDIP = 106°C/W
Compare the calculated junction temperature with the initial estimate. If they do not agree within a few degrees,
repeat the calculation, using the calculated value as the new estimate. Two or three iterations are generally
sufficient to get an acceptable answer.
thermal protection
Thermal protection prevents damage to the IC when heavy-overload or short-circuit faults are present for
extended periods of time. The faults force the TPS202x into constant current mode, which causes the voltage
across the high-side switch to increase; under short-circuit conditions, the voltage across the switch is equal
to the input voltage. The increased dissipation causes the junction temperature to rise to high levels. The
protection circuit senses the junction temperature of the switch and shuts it off. Hysteresis is built into the thermal
sense circuit, and after the device has cooled approximately 20 degrees, the switch turns back on. The switch
continues to cycle in this manner until the load fault or input power is removed.
undervoltage lockout (UVLO)
An undervoltage lockout ensures that the power switch is in the off state at powerup. Whenever the input voltage
falls below approximately 2 V, the power switch will be quickly turned off. This facilitates the design of
hot-insertion systems where it is not possible to turn off the power switch before input power is removed. The
UVLO will also keep the switch from being turned on until the power supply has reached at least 2 V, even if
the switch is enabled. Upon reinsertion, the power switch will be turned on, with a controlled rise time to reduce
EMI and voltage overshoots.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com