Electronic Components Datasheet Search
  English  ▼

X  

TPS2201 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2201
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2201 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2201 Datasheet HTML 1Page - Texas Instruments TPS2201 Datasheet HTML 2Page - Texas Instruments TPS2201 Datasheet HTML 3Page - Texas Instruments TPS2201 Datasheet HTML 4Page - Texas Instruments TPS2201 Datasheet HTML 5Page - Texas Instruments TPS2201 Datasheet HTML 6Page - Texas Instruments TPS2201 Datasheet HTML 7Page - Texas Instruments TPS2201 Datasheet HTML 8Page - Texas Instruments TPS2201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPS2201, TPS2201Y
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES
FOR PARALLEL PCMCIA CONTROLLERS
SLVS094B – AUGUST 1994 – REVISED AUGUST 1995
6–2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP FORM
TJ
SHINK SMALL-OUTLINE
(DB)
SMALL-OUTLINE
(DF)
CHIP FORM
(Y)
–40
°C to 150°C
TPS2201IDB
TPS2201IDF
TPS2201Y
† The DF package is only available left-end taped and reeled (indicated by the LE suffix on the device type; e.g.,
TPS2201IDFLE).
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
A_VCC3
6
I
Logic input that controls voltage on AVCC (see control-logic table)
A_VCC5
5
I
Logic input that controls voltage on AVCC (see control-logic table)
A_VPP_PGM
3
I
Logic input that controls voltage on AVPP (see control-logic table)
A_VPP_VCC
4
I
Logic input that controls voltage on AVPP (see control-logic table)
APWR_GOOD
13
O
Logic-level power-ready output that stays low as long as AVPP is within limits
AVCC
9, 10, 11
O
Switched output that delivers 0 V, 3.3 V, 5 V, or high impedance
AVPP
8
O
Switched output that delivers 0 V, 3.3 V, 5 V, 12 V, or high impedance
B_VCC3
26
I
Logic input that controls voltage on BVCC (see control-logic table)
B_VCC5
27
I
Logic input that controls voltage on BVCC (see control-logic table)
B_VPP_PGM
29
I
Logic input that controls voltage on BVPP (see control-logic table)
B_VPP_VCC
28
I
Logic input that controls voltage on BVPP (see control-logic table)
BPWR_GOOD
19
O
Logic-level power-ready output that stays low as long as BVPP is within limits
BVCC
20, 21, 22
O
Switched output that delivers 0 V, 3.3 V, 5 V, or high impedance
BVPP
23
O
Switched output that delivers 0 V, 3.3 V, 5 V, 12 V, or high impedance
SHDN
14
I
Logic input that shuts down the TPS2201 and set all power outputs to high-impedance state
OC
18
O
Logic-level overcurrent reporting output that goes low when an overcurrent condition exists
VDD
25
5-V power to chip
GND
12
Ground
3V
15, 16, 17
I
3-V VCC input for card power
5V
1, 2, 30
I
5-V VCC input for card power
12V
7, 24
I
12-V VPP input for card power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com