Electronic Components Datasheet Search
  English  ▼

X  

TPS2201 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2201
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2201 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2201 Datasheet HTML 1Page - Texas Instruments TPS2201 Datasheet HTML 2Page - Texas Instruments TPS2201 Datasheet HTML 3Page - Texas Instruments TPS2201 Datasheet HTML 4Page - Texas Instruments TPS2201 Datasheet HTML 5Page - Texas Instruments TPS2201 Datasheet HTML 6Page - Texas Instruments TPS2201 Datasheet HTML 7Page - Texas Instruments TPS2201 Datasheet HTML 8Page - Texas Instruments TPS2201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TPS2201, TPS2201Y
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES
FOR PARALLEL PCMCIA CONTROLLERS
SLVS094B – AUGUST 1994 – REVISED AUGUST 1995
6–3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TPS2201Y chip information
This chip, when properly assembled, displays characteristics similar to the TPS2201. Thermal compression or
ultrasonic bonding may be used on the doped aluminum bonding pads. The chip may be mounted with
conductive epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%
ALL DIMENSIONS ARE IN MILS
204
142
TPS2201Y
(2)
(28)
(1)
(3)
(29)
(30)
(27)
(4)
5V
5V
5V
A_VPP_PGM
A_VPP_VCC
B_VPP_PGM
B_VPP_VCC
B_VCC5
(6)
(5)
(7)
(8)
A_VCC5
A_VCC3
12V
AVPP
(10)
(9)
(11)
(12)
AVCC
AVCC
AVCC
GND
(14)
(13)
(15)
APWR_GOOD
SHDN
3V
(24)
(25)
(26)
(23)
B_VCC3
VDD
12V
BVPP
(20)
(21)
(22)
(19)
BVCC
BVCC
BVCC
BPWR_GOOD
(16)
(17)
(18)
OC
3V
3V
(2)
(1)
(3)
(4)
(6)
(5)
(7)
(8)
(10)
(9)
(11)
(12)
(14)
(13)
(15)
(20)
(21)
(22)
(19)
(16)
(17)
(18)
(28)
(29)
(30)
(27)
(24)
(25)
(26)
(23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com