Electronic Components Datasheet Search
  English  ▼

X  

TPS2202DF Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS2202DF
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2202DF Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS2202DF Datasheet HTML 10Page - Texas Instruments TPS2202DF Datasheet HTML 11Page - Texas Instruments TPS2202DF Datasheet HTML 12Page - Texas Instruments TPS2202DF Datasheet HTML 13Page - Texas Instruments TPS2202DF Datasheet HTML 14Page - Texas Instruments TPS2202DF Datasheet HTML 15Page - Texas Instruments TPS2202DF Datasheet HTML 16Page - Texas Instruments TPS2202DF Datasheet HTML 17Page - Texas Instruments TPS2202DF Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
TPS2202, TPS2202Y
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
SLVS103A – DECEMBER 1994 – REVISED AUGUST 1995
6–14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
overview
PC Cards were initially introduced as a means to add EEPROM (flash memory) to portable computers with
limited on-board memory. The idea of add-in cards quickly took hold: modems, wireless LANs, GPS systems,
multimedia, and hard-disk versions were soon available. As the number of PC Card applications grew, the
engineering community quickly recognized the need for a standard to ensure compatibility across platforms.
To this end, the PCMCIA (Personal Computer Memory Card International Association) was established and was
comprised of members from leading computer, software, PC card, and semiconductor manufacturers. One key
goal was to realize the concept of plug and play – cards and hosts from different vendors should be compatible
and able to communicate with one another transparently.
PC Card power specification
System compatibility also means power compatibility. The most current set of specifications (PC Card Standard)
set forth by the PCMCIA committee states that power is to be transferred between the host and the card through
eight of the PC Card connector’s 68 pins. This power interface consists of two VCC, two Vpp, and four ground
pins. Multiple VCC and ground pins minimize connector-pin and line resistance. The two Vpp pins were originally
specified as separate signals but are commonly tied together in the host to form a single node to minimize
voltage losses. Card primary power is supplied through the VCC pins; flash-memory programming and erase
voltage is supplied through the Vpp pins. As each pin is rated to 0.5 A, VCC and Vpp can theoretically supply up
to 1 A, assuming equal pin resistance and no pin failure. A conservative design would limit current to 500 mA.
Some applications, however, require higher VCC currents; disk drives, for example, may need as much as
750-mA peak current to create the initial torque necessary to spin up the platter. Vpp currents, on the other hand,
are defined by flash-memory programming requirements, typically under 120 mA.
future power trends
The 1-A physical-pin current alluded to in the PC Card specification has caused some host-system engineers
to believe they are required to deliver 1 A within the voltage tolerance of the card. Future applications, such as
RF cards, could use the extra power for their radio transmitters. The 5 W needed for these cards will require
very robust power supplies and special cooling considerations. The limited number of host sockets that will be
able to support them makes the market for these high-powered PC Cards uncertain. The vast majority of the
cards require less than 600 mA continuous current and the trend is towards even lower-powered PC Cards that
will assure compatibility with a greater number of host systems. Recognizing the need for power derating, an
adhoc committee of the PCMCIA is currently working to limit the amount of steady-state dc current to the
PC Card to something less than the currently implied 1 A. If a system is designed to support 1 A, then the switch
rDS(on), power supply requirements, and PC Card cooling need to be carefully considered.
designing around 1-A delivery
Delivering 1 A means minimizing voltage (and power) losses across the PC Card power interface, which
requires that designers trade off switch resistance and the cost associated with large-die (low rDS(on)) MOSFET
transistors. The PC Card standard requires that 5 V
±5%, or 3.3 V ±0.3 V be supplied to the card. The
approximate 10% tolerance for the 3.3-V supply makes the 3.3-V rDS(on) less critical than the 5-V switch. A
conservative approach is to allow 2% for voltage-regulator tolerance and 1% for etch- and terminal-resistance
drops, which leaves 2% (100 mV) voltage drop for the 5-V switch, and at least 6% (198 mV) for the 3.3-V switch.
Calculating the rDS(on) necessary to support a 100 mV or 198 mV switch loss, using R = E/I and setting I = 1 A,
the 5-V and 3.3-V switches would need to be 100 m
Ω and 198 mΩ respectively. One solution would be to pay
for a more expensive switch with lower rDS(on). A second, less expensive approach is to increase the headroom
of the power supply–for example, to increase the 5-V supply 1.5% or to 5.075
±2%. Working through the
numbers once more, the 2% for the regulator plus 1 % for etch and terminal losses leaves 97% or 4.923 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com