Electronic Components Datasheet Search
  English  ▼

X  

TPS2206IDFLE Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2206IDFLE
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2206IDFLE Datasheet(HTML) 4 Page - Texas Instruments

  TPS2206IDFLE Datasheet HTML 1Page - Texas Instruments TPS2206IDFLE Datasheet HTML 2Page - Texas Instruments TPS2206IDFLE Datasheet HTML 3Page - Texas Instruments TPS2206IDFLE Datasheet HTML 4Page - Texas Instruments TPS2206IDFLE Datasheet HTML 5Page - Texas Instruments TPS2206IDFLE Datasheet HTML 6Page - Texas Instruments TPS2206IDFLE Datasheet HTML 7Page - Texas Instruments TPS2206IDFLE Datasheet HTML 8Page - Texas Instruments TPS2206IDFLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TPS2206
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS138B – MAY 1996 – REVISED JUNE 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
DB, DF
DAP
3.3V
15, 16, 17
16, 17, 18
I
3.3-V VCC input for card power
5V
1, 2, 30
1, 2, 32
I
5-V VCC input for card power and/or chip power
12V
7, 24
8, 25
I
12-V Vpp input for card power
AVCC
9, 10, 11
10, 11, 12
O
Switched output that delivers 0 V, 3.3 V, 5 V, or high impedance to card
AVPP
8
9
O
Switched output that delivers 0 V, 3.3 V, 5 V, 12 V, or high impedance to card
BVCC
20, 21, 22
21, 22, 23
O
Switched output that delivers 0 V, 3.3 V, 5 V, or high impedance
BVPP
23
24
O
Switched output that delivers 0 V, 3.3 V, 5 V, 12 V, or high impedance
CLOCK
4
5
I
Logic-level clock for serial data word
DATA
3
4
I
Logic-level serial data word
GND
12
13
Ground
LATCH
5
6
I
Logic-level latch for serial data word
NC
13, 19, 25,
26, 27,
28, 29
3, 19, 26,
27, 28, 29,
30, 31
No internal connection
OC
18
20
O
Logic-level overcurrent. OC reports output that goes low when an overcurrent condition exists
RESET
6
7
I
Logic-level RESET input active high. Do not connect if terminal 14 is used.
RESET
14
14
I
Logic-level RESET input active low. Do not connect if terminal 6 is used.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Input voltage range for card power: VI(5V)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VI(3.3V)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VI(12V)
– 0.3 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Logic input voltage
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (each card): IO(xVCC)
internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IO(xVPP)
internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR‡
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DB
1024 mW
8.2 mW/
°C
655 mW
532 mW
DF
1158 mW
9.26 mW/
°C
741 mW
602 mW
DAP
No backplane
1625 mW
13 mW/
°C
1040 mW
845 mW
DAP
Backplane§
6044 mW
48.36 mW/
°C
3869 mW
3143 mW
‡ These devices are mounted on an FR4 board with no special thermal considerations.
§ 2-oz backplane with 2-oz traces; 5.2-mm
× 11-mm thermal pad with 6-mil solder; 0.18-mm diameter vias in a 3×6 array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com