Electronic Components Datasheet Search
  English  ▼

X  

TPS2206IDFLE Datasheet(PDF) 23 Page - Texas Instruments

Part # TPS2206IDFLE
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2206IDFLE Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS2206IDFLE Datasheet HTML 19Page - Texas Instruments TPS2206IDFLE Datasheet HTML 20Page - Texas Instruments TPS2206IDFLE Datasheet HTML 21Page - Texas Instruments TPS2206IDFLE Datasheet HTML 22Page - Texas Instruments TPS2206IDFLE Datasheet HTML 23Page - Texas Instruments TPS2206IDFLE Datasheet HTML 24Page - Texas Instruments TPS2206IDFLE Datasheet HTML 25Page - Texas Instruments TPS2206IDFLE Datasheet HTML 26Page - Texas Instruments TPS2206IDFLE Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
TPS2206
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS138B – MAY 1996 – REVISED JUNE 1998
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
DATA
CLOCK
LATCH
DATA
CLOCK
LATCH
Vpp1
Vpp2
VCC
Vpp1
Vpp2
VCC
CS
PC Card
Connector B
PC Card
Connector A
PCMCIA
Controller
AVCC
AVCC
AVCC
BVCC
BVCC
BVCC
AVPP
AVPP
BVPP
BVPP
3.3V
3.3 V
0.1
µF
12 V
Shutdown Signal
From CPU
To CPU
OC
VCC
VCC
5V
5 V
GND
3.3V
5V
3.3V
5V
12V
12V
TPS2206
0.1
µF
0.1
µF
0.1
µF
System Voltage
Supervisor
or
PCI Bus Reset
RESET
RESET
1
µF
1
µF
0.1
µF
0.1
µF
Figure 33. Detailed Interconnections and Capacitor Recommendations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com