Electronic Components Datasheet Search
  English  ▼

X  

ATP212 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ATP212
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ATP212 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ATP212 Datasheet HTML 1Page - Sanyo Semicon Device ATP212 Datasheet HTML 2Page - Sanyo Semicon Device ATP212 Datasheet HTML 3Page - Sanyo Semicon Device ATP212 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ATP212
No. A1507-3/4
RDS(on) -- VGS
RDS(on) -- Tc
ID -- VDS
ID -- VGS
IS -- VSD
SW Time -- ID
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
| yfs | -- I
D
Ciss, Coss, Crss -- VDS
060
20
30
40
50
10
IT14748
IT14747
IT14746
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.001
0.01
7
5
3
2
IT14745
f=1MHz
Coss
Crss
0.1
1.0
2
23
5
23
57
10
35 7
5
100
10
3
2
5
7
3
2
5
7
7
0.1
1.0
23
5 7
7
23
5
100
VDD=30V
VGS=10V
td(off)
tf
td(on)
t r
IT14743
IT14744
0
0
55
16
2
14
36
58
9
710
12
11
--50
--25
0
25
50
75
100
125
150
14 15
13
45
50
35
25
40
30
5
10
20
15
0
55
50
45
40
35
30
25
20
15
10
5
VDS=10V
Single pulse
ID=5A
18A
IT14741
IT14742
0
5.5
1.5
0
0
35
25
5
15
20
30
10
2.0
0.2
0.6
1.2
0.4
0.8
1.6
1.4
1.0
1.8
0
60
50
40
3.0
4.5
1.0
2.5
4.0
0.5
2.0
3.5
5.0
30
20
10
3.5V
VGS=2.5V
2
0.1
7
5
3
2
10
23
5 7
Ciss
V GS
=4.0V
, I D
=5A
V GS
=10.0V
, I D
=18A
Tc=
--25
°C
75
°C
25
°C
1.0
7
5
7
3
2
10
7
5
3
2
1.0
7
5
3
2
10
7
5
3
2
100
7
5
3
100
1000
7
5
7
5
5
3
2
3
2
3.0V
9A
V GS
=4.5V
, I D
=9A
Tc=25
°C
Single pulse
Single pulse
VGS=0V
Single pulse
VDS=10V
Single pulse
Tc=25
°C
Single pulse



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com