Electronic Components Datasheet Search
  English  ▼

X  

TPS60100 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60100
Description  REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60100 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS60100 Datasheet HTML 9Page - Texas Instruments TPS60100 Datasheet HTML 10Page - Texas Instruments TPS60100 Datasheet HTML 11Page - Texas Instruments TPS60100 Datasheet HTML 12Page - Texas Instruments TPS60100 Datasheet HTML 13Page - Texas Instruments TPS60100 Datasheet HTML 14Page - Texas Instruments TPS60100 Datasheet HTML 15Page - Texas Instruments TPS60100 Datasheet HTML 16Page - Texas Instruments TPS60100 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TPS60100
REGULATED 3.3 V 200-mA LOW-NOISE
CHARGE PUMP DC/DC CONVERTER
SLVS213B – MAY 1999 – REVISED SEPTEMBER 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
start-up procedure
During start-up, i.e. when ENABLE is set from logic low to logic high, the switches T12 and T14 (charge pump
1), and the switches T22 and T24 (charge pump 2) are conducting to charge up the output capacitor until the
output voltage VO reaches 0.8×VIN. When the start-up comparator detects this limit, the IC begins to operate
in the mode selected with SKIP, COM and 3V8. This start-up charging of the output capacitor guarantees a short
start-up time and eliminates the need for a Schottky diode between IN and OUT.
pulse-skip mode
In pulse-skip mode (SKIP = high), the error amplifier disables switching of the power stages when it detects an
output higher than 3.3 V. The oscillator halts. The IC then skips switching cycles until the output voltage drops
below 3.3 V. Then the error amplifier reactivates the oscillator and switching of the power stages starts again.
The pulse-skip regulation mode minimizes operating current because it does not switch continuously and
deactivates all functions except bandgap reference and error amplifier when the output is higher than 3.3 V.
When switching is disabled from the error amplifier, the load is also isolated from the input. SKIP is a logic input
and should not remain floating. The typical operating circuit of the TPS60100 in pulse skip mode is shown in
Figure 1.
constant-frequency mode
When SKIP is low, the charge pump runs continuously at the frequency fOSC. The control circuit, fed from the
error amplifier, controls the charge on C1F and C2F by driving the gates of the FETs T12/T13 and T22/T23,
respectively. When the output voltage falls, the gate drive increases, resulting in a larger voltage across C1F
and C2F. This regulation scheme minimizes output ripple. Since the device switches continuously, the output
noise contains well-defined frequency components, and the circuit requires smaller external capacitors for a
given output ripple. However, constant-frequency mode, due to higher operating current, is less efficient at light
loads than pulse-skip mode.
IN
IN
C1+
C1–
ENABLE
OUT
OUT
FB
C2+
C2–
SYNC
SKIP COM 3V8
PGND GND
INPUT
1.8 V to 3.6 V
CIN
10
µF
OUTPUT
3.3 V 200 mA
CO = 22 µF
C2F
2.2
µF
C1F
2.2
µF
+
OFF/ON
TPS60100
+
Figure 30. Typical Operating Circuit TPS60100 in Constant Frequency Mode
Table 1. Tradeoffs Between Operating Modes
FEATURE
PULSE-SKIP MODE
(SKIP = High)
CONSTANT-FREQUENCY MODE
(SKIP = Low)
Best light-load efficiency
X
Smallest external component size for a given output ripple
X
Output ripple amplitude
Small amplitude
Very small amplitude
Output ripple frequency
Variable
Constant
Load regulation
Very good
Good
NOTE: Even in pulse-skip mode the output ripple amplitude is small if the push-pull operating mode is selected via COM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com