Electronic Components Datasheet Search
  English  ▼

X  

TPS60100 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60100
Description  REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60100 Datasheet(HTML) 2 Page - Texas Instruments

  TPS60100 Datasheet HTML 1Page - Texas Instruments TPS60100 Datasheet HTML 2Page - Texas Instruments TPS60100 Datasheet HTML 3Page - Texas Instruments TPS60100 Datasheet HTML 4Page - Texas Instruments TPS60100 Datasheet HTML 5Page - Texas Instruments TPS60100 Datasheet HTML 6Page - Texas Instruments TPS60100 Datasheet HTML 7Page - Texas Instruments TPS60100 Datasheet HTML 8Page - Texas Instruments TPS60100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPS60100
REGULATED 3.3 V 200-mA LOW-NOISE
CHARGE PUMP DC/DC CONVERTER
SLVS213B – MAY 1999 – REVISED SEPTEMBER 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
SYNC
ENABLE
FB
OUT
C1+
IN
C1–
PGND
PGND
GND
3V8
COM
SKIP
OUT
C2+
IN
C2–
PGND
PGND
PWP PACKAGE
(TOP VIEW)
Figure 2. Bottom View of PWP Package,
Showing the Thermal Pad
Thermal
Pad
AVAILABLE OPTIONS
PACKAGE
TSSOP†
(PWP)
TPS60100PWP
† This package is available taped and reeled. To order this packaging
option, add an R suffix to the part number (e.g., TPS60100PWPR).
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
3V8
19
I
Mode selection.
When 3V8 is logic low the charge pump operates in the regulated 3.3-V mode. When 3V8 is connected to IN the
regulator operates in preregulated 3.8-V mode.
C1+
6
Positive terminal of the charge-pump capacitor C1F
C1–
8
Negative terminal of the charge-pump capacitor C1F
C2+
15
Positive terminal of the charge-pump capacitor C2F
C2–
13
Negative terminal of the charge-pump capacitor C2F
COM
18
I
Mode selection.
When COM is logic low the charge pump operates in push-pull mode to minimize output ripple. When COM is
connected to IN the regulator operates in single-ended mode requiring only one flying capacitor.
ENABLE
3
I
ENABLE Input. The device turns off, the output disconnects from the input, and the supply current decreases to
0.05
µA when ENABLE is a logic low. Connect ENABLE to IN for normal operation.
FB
4
I
FEEDBACK input. Connect FB to OUT as close to the load as possible to achieve best regulation. Resistive divider
is on chip to match internal reference voltage of 1.22 V.
GND
1, 20
GROUND. Analog ground for internal reference and control circuitry. Connect to PGND through a short trace.
IN
7, 14
I
Supply Input. Connect to an input supply in the 1.8-V to 3.6-V range. Bypass IN to GND with a (CO/2) µF capacitor.
Connect both INs through a short trace.
OUT
5, 16
O
Regulated power output. Connect both OUTs through a short trace and bypass OUT to GND with the output filter
capacitor CO. VO = 3.3 V when 3V8 = low and VO = 3.8 V when 3V8 = high.
PGND
9–12
PGND power ground. Charge-pump current flows through this pin. Connect all PGNDs together.
SKIP
17
I
Mode selection. When SKIP is logic low, the charge pump operates in constant-frequency mode. Output ripple
and noise are minimized in this mode. When SKIP is connect to IN, the device operates in pulse skip mode.
Quiescent current is lowest in this mode.
SYNC
2
I
Selection for external clock signal. Connect to GND to use the internally generated clock signal. Connect to IN
for external synchronization. In this case, the clock signal needs to be fed through 3V8 and the device operates
in the regulated 3.3-V mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com