Electronic Components Datasheet Search
  English  ▼

X  

S3AS151507 Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # S3AS151507
Description  MINI DC/DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

S3AS151507 Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  S3AS151507 Datasheet HTML 1Page - Premier Magnetics, Inc. S3AS151507 Datasheet HTML 2Page - Premier Magnetics, Inc. S3AS151507 Datasheet HTML 3Page - Premier Magnetics, Inc. S3AS151507 Datasheet HTML 4Page - Premier Magnetics, Inc. S3AS151507 Datasheet HTML 5Page - Premier Magnetics, Inc. S3AS151507 Datasheet HTML 6Page - Premier Magnetics, Inc. S3AS151507 Datasheet HTML 7Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
20381 Barents Sea Circle
Lake Forest, California 92630
Phone:
(949) 452-0511
Fax:
(949) 452-0512
M
P
Premier
Magnetics Inc.
Specifications subject to change without notice.
5
1 WATT HI-ISOLATION MINI-SIP DC/DC CONVERTERS
FEATURES
!
1.0 Watt
"
Up To 80% Efficiency
#
Momentary Short Circuit Protection
$
Minature SIP Package
GENERAL SPECIFICATIONS
%
Efficiency ................................... 70% Typ.
%
Switching Frequency ............. 90KHz Typ.
%
Isolation Voltage ............... 3000Vdc min.
%
Operating Temperature ..... -25 to +85OC
INPUT SPECIFICATIONS
%
Voltage ............................... Per Table Vdc
%
Input Voltage Range ......................... ±10%
%
Input Filter ........................................... Cap
OUTPUT SPECIFICATIONS
%
Voltage ....................................... Per Table
%
Voltage Accuracy ............................... ±5%
%
Ripple & Noise 20MHz BW ............1% p-p
%
Load Regulation ............................... ±10%
ELECTRICAL SPECIFICATIONS AT 25OC
SCHEMATIC DIAGRAM
PHYSICAL DIMENSIONS .... DIMENSIONS IN INCHES (mm)
PART
NUMBER
INPUT
VOLTAGE
(Vdc)
OUTPUT
CURRENT
(mA max.)
OUTPUT
VOLTAGE
(Vdc)
PART
NUMBER
INPUT
VOLTAGE
(Vdc)
OUTPUT
CURRENT
(mA max.)
OUTPUT
VOLTAGE
(Vdc)
S3BS050520
5
5
200
S3BD050510
5
+ 5
100
S3BS051208
5
12
84
S3BD051204
5
+ 12
+ 42
S3BS051507
5
15
66
S3BD051503
5
+ 15
+ 33
S3BS120520
12
5
200
S3BD120510
12
+ 5
+ 100
S3BS121208
12
12
84
S3BD121204
12
+ 12
+ 42
S3BS121507
12
15
66
S3BD121503
12
+ 15
+ 33
S3BS240520
24
5
200
S3BD240510
24
+ 5
+ 100
S3BS241208
24
12
84
S3BD241204
24
+ 12
+ 42
S3BS241507
24
15
66
S3BD241503
24
+ 15
+ 33
PIN
NUMBER
DUAL
OUTPUT
SINGLE
OUTPUT
1
Vcc
Vcc
2
GND
GND
3
OMITTED
OMITTED
4
OMITTED
OMITTED
5
-Vout
-Vout
6
COMMON
N.C.
7
+Vout
+Vout
1
2
5
6
7
DC/DC CONVERTER
+IN
-IN
+OUT
-OUT COM
.020
(.508)
.100
(2.54)
.600
(15.24)
.770
(19.56)
MAX
.400
(10.16)
MAX
.120
(3.05)
MIN
.035 +.015
(.89 + 0.05)
.010
(.25)
.240
(6.10)
MAX
WHITE DOT
DENOTES
PIN #1
.015
(0.38)
17
7
17
25
6
P
M
S3BXXXXXXX
YYWW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com