Electronic Components Datasheet Search
  English  ▼

X  

S3AS151507 Datasheet(PDF) 4 Page - Premier Magnetics, Inc.

Part # S3AS151507
Description  MINI DC/DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

S3AS151507 Datasheet(HTML) 4 Page - Premier Magnetics, Inc.

  S3AS151507 Datasheet HTML 1Page - Premier Magnetics, Inc. S3AS151507 Datasheet HTML 2Page - Premier Magnetics, Inc. S3AS151507 Datasheet HTML 3Page - Premier Magnetics, Inc. S3AS151507 Datasheet HTML 4Page - Premier Magnetics, Inc. S3AS151507 Datasheet HTML 5Page - Premier Magnetics, Inc. S3AS151507 Datasheet HTML 6Page - Premier Magnetics, Inc. S3AS151507 Datasheet HTML 7Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
20381 Barents Sea Circle
Lake Forest, California 92630
Phone:
(949) 452-0511
Fax:
(949) 452-0512
M
P
Premier
Magnetics Inc.
Specifications subject to change without notice.
8
1
7
8
9
14
11
DC/DC CONVERTER
.020
(0.51)
.280
(7.11)
MAX
.120
(3.05)
MIN
.100
(2.54)
.300
(7.62)
.010
(0.25)
.600
(15.24)
TYP
.800
(20.32)
MAX
.400
(10.16)
MAX
ELECTRICAL SPECIFICATIONS AT 25OC
SCHEMATIC DIAGRAM
PHYSICAL DIMENSIONS .... DIMENSIONS IN INCHES (mm)
P
M
A7ADXXXXXX
YYWW
PIN
NUMBER
FUNCTION
1
GND
7
N/C
8
0 Vout
9
+Vout
11
-Vout
14
Vcc
PART
NUMBER
OUTPUT
CURRENT
(mA max.)
OUTPUT
VOLTAGE
(Vdc)
INPUT
VOLTAGE
(Vdc)
A7AD050520
5
+ 5
+ 200
A7AD050910
5
+ 9
+ 111
A7AS050920(1)
5
9
200
A7AD050520
5
+ 5
+ 200
A7AD051208
5
+ 12
+ 85
A7AD051506
5
+ 15
+ 65
A7AD120520
12
+ 5
+ 200
A7AD121208
12
+ 12
+ 85
A7AD121506
12
+ 15
+ 65
A7AD240520
24
+ 5
+ 200
A7AD241208
24
+ 12
+ 85
A7AD241506
24
+ 15
+ 65
2 WATT MINI-DIP DC/DC CONVERTERS
FEATURES
!
2 Watt
"
Up To 80% Efficiency
#
Momentary Short Circuit Protection
$
Minature DIP Package
GENERAL SPECIFICATIONS
%
Efficiency ................................... 75% Typ.
%
Switching Frequency ............ 100KHz Typ.
%
Isolation Voltage ................ 500Vdc min.
%
Operating Temperature ..... -25 to +80OC
INPUT SPECIFICATIONS
%
Voltage ............................... Per Table Vdc
%
Input Voltage Range ......................... ±10%
%
Input Filter ........................................... Cap
OUTPUT SPECIFICATIONS
%
Voltage ....................................... Per Table
%
Voltage Accuracy ............................... ±5%
%
Ripple & Noise 20MHz BW ......... 150mV p-p
%
Load Regulation ............................... ±10%
(1) For Single Output Versions Pin #11 is Not Conneted



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com