Electronic Components Datasheet Search
  English  ▼

X  

TPS60121 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60121
Description  REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60121 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS60121 Datasheet HTML 6Page - Texas Instruments TPS60121 Datasheet HTML 7Page - Texas Instruments TPS60121 Datasheet HTML 8Page - Texas Instruments TPS60121 Datasheet HTML 9Page - Texas Instruments TPS60121 Datasheet HTML 10Page - Texas Instruments TPS60121 Datasheet HTML 11Page - Texas Instruments TPS60121 Datasheet HTML 12Page - Texas Instruments TPS60121 Datasheet HTML 13Page - Texas Instruments TPS60121 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TPS60120, TPS60121, TPS60122, TPS60123, TPS60124, TPS60125
REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS257B – NOVEMBER 1999 – REVISED AUGUST 2000
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at CI = 10 µF, C1F = C2F = 2.2 µF, CO = 22 µF, TC = –40°C to 85°C, VI = 2 V,
VFB = VO and V(ENABLE) = VI (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(PGTRIP)
Power-good trip voltage
TPS60121, TPS60123,
TPS60125
TC = 0°C to 70°C
0.86
×
VO
0.90
×
VO
0.94
×
VO
V
Vhys(PG)
Power-good trip voltage
hysteresis
TPS60121, TPS60123,
TPS60125
VO ramping negative,
TCA = 0°C to 70°C
0.8%
VO(PG)
Power-good output
voltage low (see Note 2)
TPS60121, TPS60123,
TPS60125
VO = 0 V, I(PG,SINK) = 1 mA
0.4
V
Ilkg(PG)
Power-good leakage
current
TPS60121, TPS60123,
TPS60125
VO = 3.3 V, V(PG) = 3.3 V
0.01
0.1
µA
NOTE 2: During start-up the LBO and PG output signal is invalid for the first 500
µs.
PARAMETER MEASUREMENT INFORMATION
IN
IN
LBI
C1+
C1–
ENABLE
PGND GND
OUT
OUT
FB
LBO
C2+
C2–
Ci
10
µF
C2
2.2
µF
C1
2.2
µF
R1
R2
Off/On
R3
TPS6012x
Co
2 x 10
µF
Used capacitor types:
Ci: Ceramic, X7R
Co: Ceramic, X7R
C1, C2: Ceramic, X7R
Figure 5. Circuit Used For Typical Characteristics Measurements
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
η
Efficiency
vs Output Current (TPS60120, TPS60122, and TPS60124)
6, 7, 8
η
Efficiency
vs Input Voltage (TPS60120, TPS60122, and TPS60124)
9, 10, 11
I
Supply Current
vs Input Voltage
12
VO
Output Voltage
vs Output Current (TPS60120, TPS60122, and TPS60124)
13, 14, 15
VO
Output Voltage
vs Input Voltage (TPS60120, TPS60122, and TPS60124)
16, 17, 18
VO
Output Voltage Ripple
vs Time
19, 20, 21
VPP
Output Voltage Ripple Amplitude
vs Input Voltage
22
f(OSC)
Oscillator Frequency
vs Input Voltage
23
Load Transient Response
24
Line Transient Response
25
VO
Output Voltage
vs Time (Start-Up Timing)
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com