Electronic Components Datasheet Search
  English  ▼

X  

TPS60121 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60121
Description  REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60121 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS60121 Datasheet HTML 14Page - Texas Instruments TPS60121 Datasheet HTML 15Page - Texas Instruments TPS60121 Datasheet HTML 16Page - Texas Instruments TPS60121 Datasheet HTML 17Page - Texas Instruments TPS60121 Datasheet HTML 18Page - Texas Instruments TPS60121 Datasheet HTML 19Page - Texas Instruments TPS60121 Datasheet HTML 20Page - Texas Instruments TPS60121 Datasheet HTML 21Page - Texas Instruments TPS60121 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
TPS60120, TPS60121, TPS60122, TPS60123, TPS60124, TPS60125
REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS257B – NOVEMBER 1999 – REVISED AUGUST 2000
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
capacitor selection (continued)
Table 3. Recommended Capacitors
MANUFACTURER
PART NUMBER
CAPACITANCE
CASE SIZE
TYPE
Taiyo Yuden
LMK212BJ105KG–T
1
µF
0805
Ceramic
LMK212BJ225MG–T
2.2
µF
0805
Ceramic
LMK316BJ475KL–T
4.7
µF
1206
Ceramic
LMK325BJ106MN–T
10
µF
1210
Ceramic
LMK432BJ226MM–T
22
µF
1812
Ceramic
AVX
0805ZC105KAT2A
1
µF
0805
Ceramic
1206ZC225KAT2A
2.2
µF
1206
Ceramic
TPSC475035R0600
4.7
µF
Case C
Tantalum
TPSC106025R0500
10
µF
Case C
Tantalum
TPSC226016R0375
22
µF
Case C
Tantalum
Sprague
595D106X0016B2T
10
µF
Case B
Tantalum
595D226X06R3B2T
22
µF
Case B
Tantalum
595D226X0020C2T
22
µF
Case B
Tantalum
Kemet
T494C156K010AS
10
µF
Case C
Tantalum
T494C226M010AS
22
µF
Case C
Tantalum
NOTE: Case code compatibility with EIA 535BAAC and CECC30801 molded chips.
Table 4. Recommended Capacitor Manufacturers
MANUFACTURER
CAPACITOR TYPE
INTERNET SITE
Taiyo Yuden
X7R/X5R ceramic
http://www.t–yuden.com/
AVX
X7R/X5R ceramic
TPS-series tantalum
http://www.avxcorp.com/
Sprague
595D-series tantalum
593D-series tantalum
http://www.vishay.com/
Kemet
T494-series tantalum
http://www.kemet.com/
power dissipation
The power dissipated in the TPS6012x depends on output current and mode of operation (1.5x or doubler
voltage conversion mode). It is described by the following:
PDISS =
1
h –1 VO × IO (Efficiency η mainly depends on VI and also on IO. See efficiency graphs.)
PDISS must be less than that allowed by the package rating. See the absolute maximum ratings for 20-pin PWP
package power-dissipation limits and deratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com