Electronic Components Datasheet Search
  English  ▼

X  

TPS60130 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60130
Description  REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60130 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS60130 Datasheet HTML 9Page - Texas Instruments TPS60130 Datasheet HTML 10Page - Texas Instruments TPS60130 Datasheet HTML 11Page - Texas Instruments TPS60130 Datasheet HTML 12Page - Texas Instruments TPS60130 Datasheet HTML 13Page - Texas Instruments TPS60130 Datasheet HTML 14Page - Texas Instruments TPS60130 Datasheet HTML 15Page - Texas Instruments TPS60130 Datasheet HTML 16Page - Texas Instruments TPS60130 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TPS60130, TPS60131, TPS60132, TPS60133
REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS258A – NOVEMBER 1999 – REVISED DECEMBER 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
4.90
4.91
4.92
4.93
4.94
4.95
4.96
4.97
4.98
4.99
5.00
2.7
3.2
3.7
4.2
4.7
5.2
VI – Input Voltage – V
TPS60132
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
IO 1 mA
IO 75 mA
IO 150 mA
Figure 15
4.950
4.955
4.960
4.965
4.970
4.975
4.980
4.985
4.990
4.995
5.000
0
50
100 150 200 250 300 350 400 450 500
OUTPUT VOLTAGE RIPPLE
vs
TIME
t – Time –
µs
VI = 3.6 V
IO = 1 mA
Figure 16
4.90
4.92
4.94
4.96
4.98
5.00
5.02
0
2468
10
12
14
16
18
20
t – TIME –
µs
OUTPUT VOLTAGE RIPPLE
vs
TIME
VI = 3.6 V
IO = 150 mA
Figure 17
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
0
2
4
6
8
10
12
14
16
18
20
t – TIME –
µs
OUTPUT VOLTAGE RIPPLE
vs
TIME
VI = 3.6 V
IO = 300 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com