Electronic Components Datasheet Search
  English  ▼

X  

TPS60130 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60130
Description  REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60130 Datasheet(HTML) 2 Page - Texas Instruments

  TPS60130 Datasheet HTML 1Page - Texas Instruments TPS60130 Datasheet HTML 2Page - Texas Instruments TPS60130 Datasheet HTML 3Page - Texas Instruments TPS60130 Datasheet HTML 4Page - Texas Instruments TPS60130 Datasheet HTML 5Page - Texas Instruments TPS60130 Datasheet HTML 6Page - Texas Instruments TPS60130 Datasheet HTML 7Page - Texas Instruments TPS60130 Datasheet HTML 8Page - Texas Instruments TPS60130 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPS60130, TPS60131, TPS60132, TPS60133
REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS258A – NOVEMBER 1999 – REVISED DECEMBER 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The devices feature the power-saving pulse-skip mode to extend battery life at light loads. TPS60130 and
TPS60132 include a low-battery comparator; TPS60131 and TPS60133 feature a power-good output. The logic
shut-down function reduces the supply current to 1
µA (max) and disconnects the load from the input. Special
current-control circuitry prevents excessive current from being drawn from the battery during startup. This dc/dc
converter requires no inductors and therefore EMI is of low concern. It is available in the small, thermally
enhanced 20-pin PowerPAD
t package (PWP).
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
GND
ENABLE
FB
OUT
C1+
IN
C1–
PGND
PGND
GND
GND
LBI
LBO
OUT
C2+
IN
C2–
PGND
PGND
PWP PACKAGE
(TPS60130/TPS60132)
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
GND
ENABLE
FB
OUT
C1+
IN
C1–
PGND
PGND
GND
GND
NC
PG
OUT
C2+
IN
C2–
PGND
PGND
PWP PACKAGE
(TPS60131/TPS60133)
(TOP VIEW)
Thermal Pad
AVAILABLE OPTIONS
TA
PART NUMBER†
PACKAGE
DEVICE FEATURES
TPS60130PWP
3 cell to 5 V 300 mA
Low battery detector
–40
°Cto85°C
TPS60131PWP
PWP
20-Pin thermally
3-cell to 5 V, 300 mA
Power good detector
– 40
°C to 85°C
TPS60132PWP
PWP
y
enhanced TSSOP
3-cell to 5 V 150 mA
Low battery detector
TPS60133PWP
3-cell to 5 V, 150 mA
Power good detector
† The PWP package is available taped and reeled. Add R suffix to device type (e.g. TPS60130PWPR) to order quanities of 2000
devices per reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com