Electronic Components Datasheet Search
  English  ▼

X  

PM-SF04 Datasheet(PDF) 3 Page - Premier Magnetics, Inc.

Part # PM-SF04
Description  SIGNAL LINE FILTERS COMMON MODE CHOKES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-SF04 Datasheet(HTML) 3 Page - Premier Magnetics, Inc.

  PM-SF04 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-SF04 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-SF04 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-SF04 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-SF04 Datasheet HTML 5Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
3
pmsf 09/00
SIGNAL LINE FILTERS
COMMON MODE CHOKES
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
.340
(8.64)
MAX
.020 (.51)
.010 (.25)
.100
(2.54)
TYP
.030
(0.76)
TYP
.050
(1.27)
TYP
.475
(12.07)
MAX
PIN#1
DOT
FLAT
.050 (1.27)
.030 (0.76)
.400
(10.16)
.475
(12.07)
.010
(0.25)
TYP
.600
(15.24)
MAX
12
3
4
876
5
SCHEMATIC "A"
RECOMMENDED PCB LAYOUT
SCHEMATIC "B"
M
P PM-SFXX
YYWW
PACKAGE "4"
8x.050 (1.27)
3x.100 (2.54)
8x.120 (3.05)
.400 (10.16)
1
8
5
4
.640 (16.23)
.300 (7.62)
8
1
7
5
4
2
3
6
8
1
7
5
4
2
3
6
PACKAGE "4"
SCHEMATIC "A"
PACKAGE "6"
1
2
3
4
.500
(12.70)
MAX
.330
(8.38)
.215
(5.46)
MAX
.500
(12.70)
MAX
1
2
3
4
M
P PM-SFXX
YYWW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com