Electronic Components Datasheet Search
  English  ▼

X  

PM-SF04 Datasheet(PDF) 5 Page - Premier Magnetics, Inc.

Part # PM-SF04
Description  SIGNAL LINE FILTERS COMMON MODE CHOKES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-SF04 Datasheet(HTML) 5 Page - Premier Magnetics, Inc.

  PM-SF04 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-SF04 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-SF04 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-SF04 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-SF04 Datasheet HTML 5Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
5
pmsf 09/00
SIGNAL LINE FILTERS
COMMON MODE CHOKES
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
0.400
(10.16)
0.300
(7.62)
0.410
(10.41)
MAX
0.510
(12.95)
MAX
1
10
5
6
0.130
(3.30)
0.510
(12.95)
MAX
SCHEMATIC "A"
PACKAGE "7"
SCHEMATIC
M
P PM-SFXX
YYWW
1
10
5
6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com