Electronic Components Datasheet Search
  English  ▼

X  

TPS70145 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS70145
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70145 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS70145 Datasheet HTML 17Page - Texas Instruments TPS70145 Datasheet HTML 18Page - Texas Instruments TPS70145 Datasheet HTML 19Page - Texas Instruments TPS70145 Datasheet HTML 20Page - Texas Instruments TPS70145 Datasheet HTML 21Page - Texas Instruments TPS70145 Datasheet HTML 22Page - Texas Instruments TPS70145 Datasheet HTML 23Page - Texas Instruments TPS70145 Datasheet HTML 24Page - Texas Instruments TPS70145 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
VOUT2
VIN1
VIN2
EN
SEQ
VOUT1
VSENSE1
PG1
MR2
RESET
MR1
VSENSE2
VOUT2
TPS701xxPWP
(Fixed Output Option)
VIN
VOUT1
MR1
0.1
µF
RESET
10
µF
10
µF
0.1
µF
MR2
EN
>2 V
<0.7 V
TPS70145, TPS70148, TPS70151, TPS70158, TPS70102
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
SLVS222A – DECEMBER 1999 – REVISED MARCH 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
sequencing timing diagram
The following figures provide a timing diagram of how this device functions in different configurations.
Application condition; MR2 is tied to PG1, VIN1
and VIN2 are tied to same input voltage, the SEQ
pin is tied to logic low and the device is toggled
with enable (EN) function.
When the device is enabled (EN is pulled low)
VOUT1 will turn on first and VOUT2 will remain off
until VOUT1 reaches to approximately 83% of its
regulated output voltage. At that time VOUT2 will
be turned on. When VOUT1 reaches to 95% of its
regulated output the PG1 will turn on (active high).
Since MR2 is connected to PG1 for this
application, it will follow the logic of PG1. When
VOUT2 reaches to 95% of its regulated voltage,
RESET will switch to high voltage level after
120 ms delay (see Figure 37).
83%
95%
t1
120ms
EN
VOUT2
VOUT1
PG1
MR1
MR2
(MR2 tied to PG1)
RESET
SEQ
95%
83%
Figure 37. Timing When SEQ = Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com