Electronic Components Datasheet Search
  English  ▼

X  

TPS70745 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS70745
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70745 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS70745 Datasheet HTML 20Page - Texas Instruments TPS70745 Datasheet HTML 21Page - Texas Instruments TPS70745 Datasheet HTML 22Page - Texas Instruments TPS70745 Datasheet HTML 23Page - Texas Instruments TPS70745 Datasheet HTML 24Page - Texas Instruments TPS70745 Datasheet HTML 25Page - Texas Instruments TPS70745 Datasheet HTML 26Page - Texas Instruments TPS70745 Datasheet HTML 27Page - Texas Instruments TPS70745 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
RESET
VOUT2
VIN1
VIN2
EN
SEQ
VOUT1
VSENSE1
PG1
MR2
RESET
MR1
VSENSE2
VOUT2
VI
VOUT1
MR1
0.1
µF
10
µF
10
µF
0.1
µF
MR2
EN
TPS707xxPWP
(Fixed Output Option)
>2 V
<0.7 V
250 k
Ω
TPS70745, TPS70748, TPS70751, TPS70758, TPS70702
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
SLVS291 – MAY 2000
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
sequencing timing diagrams (continued)
application conditions not shown in block diagram:
VIN1 and VIN2 are tied to the same fixed input
voltage greater than the VUVLO; SEQ is tied to
logic high; PG1 is tied to MR2; MR1 is left
unconnected and is therefore at logic high.
explanation of timing diagrams:
EN is initially high; therefore, both regulators are
off and PG1 and RESET are at logic low. With
SEQ at logic high, when EN is taken low, VOUT2
turns on. VOUT1turnsonafterVOUT2reaches83%
of its regulated output voltage. When VOUT1
reaches 95% of its regulated output voltage, PG1
(tied to MR2) goes to logic high. When both VOUT1
and VOUT2 reach 95% of their respective
regulated output voltages and both MR1 and MR2
(tied to PG1) are at logic high, RESET is pulled to
logic high after a 120 ms delay. When a fault on
VOUT1 causes it to fall below 95% of its regulated
output voltage, PG1 (tied to MR2) goes to logic
low, causing RESET to return to logic low. VOUT2
remains on because SEQ is high.
120 ms
EN
VOUT2
VOUT1
PG1
MR1
MR2
(MR2 tied to PG1)
RESET
SEQUENCE
95%
83%
83%
95%
NOTE A: t1 – Time at which both VOUT1 and VOUT2 are greater than the PG thresholds and MR1 is logic high.
t1
(see Note A)
Fault on VOUT1
Figure 39. Timing When VOUT1 Faults Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com