Electronic Components Datasheet Search
  English  ▼

X  

TPS70745 Datasheet(PDF) 28 Page - Texas Instruments

Part # TPS70745
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70745 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS70745 Datasheet HTML 24Page - Texas Instruments TPS70745 Datasheet HTML 25Page - Texas Instruments TPS70745 Datasheet HTML 26Page - Texas Instruments TPS70745 Datasheet HTML 27Page - Texas Instruments TPS70745 Datasheet HTML 28Page - Texas Instruments TPS70745 Datasheet HTML 29Page - Texas Instruments TPS70745 Datasheet HTML 30Page - Texas Instruments TPS70745 Datasheet HTML 31Page - Texas Instruments TPS70745 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
TPS70745, TPS70748, TPS70751, TPS70758, TPS70702
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
SLVS291 – MAY 2000
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
input capacitor
For a typical application, an input bypass capacitor (0.1
µF – 1 µF) is recommended. This capacitor will filter
any high frequency noise generated in the line. For fast transient condition where droop at the input of the LDO
may occur due to high inrush current, it is recommended to place a larger capacitor at the input as well. The
size of this capacitor is dependant on the output current and response time of the main power supply, as well
as the distance to the VI pins of the LDO.
output capacitor
As with most LDO regulators, the TPS707xx requires an output capacitor connected between OUT and GND
to stabilize the internal control loop. The minimum recommended capacitance values are 10
µF ceramic
capacitors with an ESR (equivalent series resistance) between 50 m
Ω and 2.5 Ω or 6.8 µF tantalum capacitors
with ESR between 250 m
Ω and 4 Ω. Solid tantalum electrolytic, aluminum electrolytic, and multilayer ceramic
capacitors with capacitance values greater than 10
µF are all suitable, provided they meet the requirements
described above. Larger capacitors provide a wider range of stability and better load transient response. Below
is a partial listing of surface-mount capacitors usable with the TPS707xx. for fast transient response application.
This information, along with the ESR graphs, is included to assist in selection of suitable capacitance for the
user’s application. When necessary to achieve low height requirements along with high output current and/or
high load capacitance, several higher ESR capacitors can be used in parallel to meet the guidelines above.
VALUE
MFR.
MAX ESR†
PART NO.
22
µF
Kemet
345 m
Ω
7495C226K0010AS
33
µF
Sanyo
100 m
Ω
10TPA33M
47
µF
Sanyo
100 m
Ω
6TPA47M
68
µF
Sanyo
45 m
Ω
10TPC68M
ESR and transient response
LDOs typically require an external output capacitor for stability. In fast transient response applications,
capacitors are used to support the load current while LDO amplifier is responding. In most applications, one
capacitor is used to support both functions.
Besides its capacitance, every capacitor also contains parasitic impedances. These parasitic impedances are
resistive as well as inductive. The resistive impedance is called equivalent series resistance (ESR), and the
inductive impedance is called equivalent series inductance (ESL). The equivalent schematic diagram of any
capacitor can therefore be drawn as shown in Figure 43.
RESR
LESL
C
Figure 43. – ESR and ESL
In most cases one can neglect the effect of inductive impedance ESL. Therefore, the following application
focuses mainly on the parasitic resistance ESR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com